Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAP202K Datasheet(PDF) 1 Page - Rohm

Part # DAP202K
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAP202K Datasheet(HTML) 1 Page - Rohm

  DAP202K Datasheet HTML 1Page - Rohm DAP202K Datasheet HTML 2Page - Rohm DAP202K Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DAP202K
Diodes
Rev.A
1/2
Switching diode
DAP202K
Application
External dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Small mold type. (SMD3)
2) High reliability.
ROHM : SMD3
JEITA : SC-59
week code
JEDEC :S0T-346
0.4
+0.1
-0.06
2.9±0.2
1.9±0.2
0.95
0.95
+0.1
 -0.05
各リードとも
同寸法
0~0.1
0.15
1.1±0.2
0.01
0.8±0.1
(2)
(1)
(3)
Each lead has same dimension
SMD3
0.8MIN.
0.95
1.9
Structure
Construction
Silicon epitaxial planar
Taping specifications (Unit : mm)
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.1
      0
1.35±0.1
φ1.05MIN
0.3±0.1
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
A
Pd
mW
Tj
Tstg
Parameter
Reverse voltage (DC)
Average rectified forward current (Single)
Reverse voltage (repetitive peak)
Forward current (Single)
Power dissipation
-55 to +150
Limits
80
100
80
300
200
Surge current (t=1us)
4
Junction temperature
Storage temperature
150
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
--
1.2
V
IF=100mA
IR
--
0.1
µA
VR=70V
Ct
-
-
3.5
pF
VR=6V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=5mA , RL=50Ω
Conditions
Reverse recovery time
Capacitance between terminals
Reverse current
Parameter
Forward voltage


Similar Part No. - DAP202K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DAP202K DIODES-DAP202K Datasheet
63Kb / 4P
   Ultra high speed switching
logo
Rohm
DAP202K ROHM-DAP202K Datasheet
1,006Kb / 3P
   Switching Diode
DAP202K ROHM-DAP202K Datasheet
51Kb / 3P
   Ultra high-speed switching diode arrays
logo
Guangdong Kexin Industr...
DAP202K KEXIN-DAP202K Datasheet
1Mb / 2P
   Switching Diodes
logo
Rohm
DAP202K ROHM-DAP202K Datasheet
1Mb / 8P
   Switching Diode
More results

Similar Description - DAP202K

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com