Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032A-180LT44I Datasheet(PDF) 14 Page - Lattice Semiconductor

Part No. ISPLSI2032A-180LT44I
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-180LT44I Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ISPLSI2032A-180LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 14Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Specifications ispLSI 2032/A
14
ispLSI 2032/A Ordering Information
Part Number Description
Device Number
ispLSI XXXX
XXX
X
XXX
Grade
Blank = Commercial
I = Industrial
X
Speed
180 = 180 MHz
fmax
150 = 154 MHz
fmax
135 = 137 MHz
fmax
110 = 111 MHz
fmax
80 = 84 MHz
fmax
2032
2032A
Power
L = Low
Package
J = PLCC
T44 = TQFP
T48 = TQFP
Device Family
0212A/2032
INDUSTRIAL
COMMERCIAL
Y
L
I
M
A
Ff
)
z
H
M
(
x
a
m
t
)
s
n
(
d
p
R
E
B
M
U
N
G
N
I
R
E
D
R
OE
G
A
K
C
A
P
I
S
L
p
s
i
4
85
1
C
C
L
P
n
i
P
-
4
4
4
85
1
P
F
Q
T
n
i
P
-
4
4
4
85
1
P
F
Q
T
n
i
P
-
8
4
Table 2-0041B/2032A
ispLSI 2032A-80LJ44I
ispLSI 2032A-80LT44I
ispLSI 2032A-80LT48I
Y
L
I
M
A
Ff
)
z
H
M
(
x
a
m
t
)
s
n
(
d
p
R
E
B
M
U
N
G
N
I
R
E
D
R
OE
G
A
K
C
A
P
I
S
L
p
s
i
0
8
10
.
5
C
C
L
P
n
i
P
-
4
4
0
8
10
.
5
P
F
Q
T
n
i
P
-
4
4
0
8
10
.
5
P
F
Q
T
n
i
P
-
8
4
4
5
15
.
5
C
C
L
P
n
i
P
-
4
4
4
5
15
.
5
P
F
Q
T
n
i
P
-
4
4
4
5
15
.
5
P
F
Q
T
n
i
P
-
8
4
7
3
15
.
7
C
C
L
P
n
i
P
-
4
4
7
3
15
.
7
P
F
Q
T
n
i
P
-
4
4
7
3
15
.
7
P
F
Q
T
n
i
P
-
8
4
1
1
10
1
C
C
L
P
n
i
P
-
4
4
1
1
10
1
P
F
Q
T
n
i
P
-
4
4
1
1
10
1
P
F
Q
T
n
i
P
-
8
4
4
85
1
C
C
L
P
n
i
P
-
4
4
4
85
1
P
F
Q
T
n
i
P
-
4
4
4
85
1
P
F
Q
T
n
i
P
-
8
4
2A
3
0
2
/
A
1
4
0
0
-
2
e
l
b
a
T
ispLSI 2032A-180LJ44
ispLSI 2032A-180LT44
ispLSI 2032A-180LT48
ispLSI 2032A-150LJ44
ispLSI 2032A-150LT44
ispLSI 2032A-150LT48
ispLSI 2032A-135LJ44
ispLSI 2032A-135LT44
ispLSI 2032A-135LT48
ispLSI 2032A-110LJ44
ispLSI 2032A-110LT44
ispLSI 2032A-110LT48
ispLSI 2032A-80LJ44
ispLSI 2032A-80LT44
ispLSI 2032A-80LT48


Similar Part No. - ISPLSI2032A-180LT44I

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-180LT44I

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz