Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032A-180LT44I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part No. ISPLSI2032A-180LT44I
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-180LT44I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI2032A-180LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 14Page - Lattice Semiconductor ISPLSI2032A-180LT44I Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Specifications ispLSI 2032/A
11
Pin Description
1. NC pins are not to be connected to any active signals, VCC or GND.
2. Pins have dual function capability.
Input/Output Pins — These are the general purpose
I/O pins used by the logic array.
NAME
Table 2-0002A-08isp/2032
44-PIN PLCC
PIN NUMBERS
DESCRIPTION
15,
19,
25,
29,
37,
41,
3,
7,
16,
20,
26,
30,
38,
42,
4,
8,
17,
21,
27,
31,
39,
43,
5,
9,
I/O 0 - I/O 3
I/O 4 - I/O 7
I/O 8 - I/O 11
I/O 12 - I/O 15
I/O 16 - I/O 19
I/O 20 - I/O 23
I/O 24 - I/O 27
I/O 28 - I/O 31
18,
22,
28,
32,
40,
44,
6,
10
Global Output Enable input pin.
2
GOE 0
1,
23
GND
VCC
12, 34
17, 39
6,
28
18, 42
6,
30
VCC
No Connect.
12, 24, 36, 48
NC1
Ground (GND)
Input — This pin performs two functions. When
ispEN
is logic low, it functions as an input pin to load
programming data into the device. SDI/IN0 also is used
as one of the two control pins for the isp state machine.
When
ispEN is high, it functions as a dedicated input
pin.
Dedicated Clock input. This clock input is connected to
one of the clock inputs of all the GLBs on the device.
This pin performs two functions:
Input — Dedicated in-system programming enable
input pin. This pin is brought low to enable the
programming mode. The MODE, SDI, SDO and SCLK
controls become active.
RESET/Y1
Y0
SDI/IN 02
ispEN
MODE
Input — When in ISP Mode, controls operation of ISP
state machine.
- Dedicated clock input. This clock input is brought
into the Clock Distribution Network, and can optionally
be routed to any GLB and/or I/O cell on the device.
Output/Input — This pin performs two functions. When
ispEN is logic low, it functions as an output pin to read
serial shift register data. When
ispEN is high, it
functions as a dedicated input pin.
SDO/IN 12
Input — This pin performs two functions. When
ispEN is logic low, it functions as a clock pin for the
Serial Shift Register. When
ispEN is high, it
functions as a dedicated clock input. This clock input
is brought into the Clock Distribution Network and
can be routed to any GLB and/or I/O cell on the
device.
SCLK/Y22
- Active Low (0) Reset pin which resets all of the GLB
and I/O registers in the device.
35
11
14
13
36
24
33
44-PIN TQFP
PIN NUMBERS
48-PIN TQFP
PIN NUMBERS
9,
13,
19,
23,
31
35,
41,
1,
10,
14,
20,
24,
32,
36,
42,
2,
11,
15,
21,
25,
33,
37,
43,
3,
12,
16,
22,
26,
34,
38,
44,
4
40
5
29
7
8
30
18
27
9,
14,
20,
25,
33,
38,
44,
1,
10,
15,
21,
26,
34,
39,
45,
2,
11,
16,
22,
27,
35,
40,
46,
3,
13,
17,
23,
28,
37,
41,
47,
4
43
5
31
7
8
32
19
29


Similar Part No. - ISPLSI2032A-180LT44I

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-180LT44I

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz