Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032A-150LJI Datasheet(PDF) 7 Page - Lattice Semiconductor

Part No. ISPLSI2032A-150LJI
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-150LJI Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPLSI2032A-150LJI Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032A-150LJI Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Specifications ispLSI 2032/A
7
Over Recommended Operating Conditions
Internal Timing Parameters1
tio
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036C-180/2032
Inputs
UNITS
-150
MIN.
-135
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
20 Input Buffer Delay
1.1
ns
tdin
21 Dedicated Input Delay
2.4
ns
tgrp
22 GRP Delay
1.3
ns
GLB
t1ptxor
25 1 Product Term/XOR Path Delay
5.0
ns
t20ptxor
26 20 Product Term/XOR Path Delay
5.1
ns
txoradj
27 XOR Adjacent Path Delay
5.6
ns
tgbp
28 GLB Register Bypass Delay
0.0
ns
tgsu
29 GLB Register Setup Time before Clock
0.3
ns
tgh
30 GLB Register Hold Time after Clock
3.0
ns
tgco
31 GLB Register Clock to Output Delay
0.7
ns
3
tgro
32 GLB Register Reset to Output Delay
1.1
ns
tptre
33 GLB Product Term Reset to Register Delay
4.4
ns
tptoe
34 GLB Product Term Output Enable to I/O Cell Delay
6.4
ns
tptck
35 GLB Product Term Clock Delay
2.9
5.2
ns
ORP
tob
38 Output Buffer Delay
1.2
ns
tsl
39 Output Slew Limited Delay Adder
10.0
ns
0.6
1.3
GRP
0.7
t4ptbpc
23 4 Product Term Bypass Path Delay (Combinatorial)
3.6
ns
t4ptbpr
24 4 Product Term Bypass Path Delay (Registered)
3.6
ns
4.3
4.6
5.0
0.0
2.6
3.1
0.7
1.8
0.8
1.2
2.9
6.9
2.5
4.1
torp
36 ORP Delay
1.3
ns
torpbp
37 ORP Bypass Delay
0.3
ns
0.8
0.3
Outputs
1.3
10.0
toen
40 I/O Cell OE to Output Enabled
3.2
ns
todis
41 I/O Cell OE to Output Disabled
3.2
ns
2.8
2.8
tgoe
42 Global Output Enable
2.8
ns
2.2
tgy0
43 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
2.1
2.3
2.3
ns
tgy1/2
44 Clock Delay, Y1 or Y2 to Global GLB Clock Line
2.1
2.3
2.3
ns
Clocks
2.1
2.1
tgr
45 Global Reset to GLB
6.4
ns
Global Reset
4.7
-180
MIN. MAX.
0.6
1.1
0.7
3.6
4.1
4.8
0.2
2.3
3.1
0.5
1.8
0.7
1.0
2.8
5.9
2.5
3.8
0.7
0.2
1.2
10.0
2.8
2.8
2.2
1.9
1.9
1.9
1.9
4.1


Similar Part No. - ISPLSI2032A-150LJI

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-150LJI

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz