Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032A-80LT48 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part No. ISPLSI2032A-80LT48
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-80LT48 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2032A-80LT48 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-80LT48 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Specifications ispLSI 2032/A
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-150
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030B-180/2032
1
4
3
1
tsu2 + tco1
(
)
-135
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
A1
Data Prop. Delay, 4PT Bypass, ORP Bypass
5.5
7.5
ns
tpd2
A2
Data Prop. Delay
ns
fmax
A3
Clk Frequency with Internal Feedback
154
137
MHz
fmax (Ext.)
–4
Clk Frequency with Ext. Feedback
MHz
fmax (Tog.)
–5
Clk Frequency, Max. Toggle
MHz
tsu1
–6
GLB Reg Setup Time before Clk, 4 PT Bypass
ns
tco1
A7
GLB Reg. Clk to Output Delay, ORP Bypass
ns
th1
–8
GLB Reg. Hold Time after Clk, 4 PT Bypass
0.0
ns
tsu2
–9
GLB Reg. Setup Time before Clk
4.5
ns
tco2
–10 GLB Reg. Clk to Output Delay
ns
th2
–11 GLB Reg. Hold Time after Clk
0.0
ns
tr1
A12 Ext. Reset Pin to Output Delay
ns
trw1
–13 Ext. Reset Pulse Duration
4.5
ns
tptoeen
B14 Input to Output Enable
ns
tptoedis
C15 Input to Output Disable
ns
tgoeen
B16 Global OE Output Enable
ns
tgoedis
C17 Global OE Output Disable
ns
twh
–18 Ext. Synchronous Clk Pulse Duration, High
3.0
ns
twl
–19 Ext. Synchronous Clk Pulse Duration, Low
3.0
ns
111
167
3.0
4.5
5.0
8.0
11.0
11.0
5.0
5.0
8.0
-180
MIN. MAX.
5.0
180
0.0
4.0
0.0
4.0
2.5
2.5
125
200
3.0
4.0
4.5
7.0
10.0
10.0
5.0
5.0
7.5
100
167
4.0
0.0
5.5
0.0
5.0
3.0
3.0
10.0
4.5
5.5
10.0
12.0
12.0
6.0
6.0


Similar Part No. - ISPLSI2032A-80LT48

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-80LT48

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz