Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3719 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3719
Description  2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3719 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3719 Datasheet HTML 5Page - Linear Technology LTC3719 Datasheet HTML 6Page - Linear Technology LTC3719 Datasheet HTML 7Page - Linear Technology LTC3719 Datasheet HTML 8Page - Linear Technology LTC3719 Datasheet HTML 9Page - Linear Technology LTC3719 Datasheet HTML 10Page - Linear Technology LTC3719 Datasheet HTML 11Page - Linear Technology LTC3719 Datasheet HTML 12Page - Linear Technology LTC3719 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC3719
sn3719 3719fs
PI FU CTIO S
SW2, SW1 (Pins 25, 34): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST2, BOOST1 (Pins 26, 33): Bootstrapped Supplies
to the Topside Floating Drivers. External capacitors are con-
nected between the BOOST and SW pins, and Schottky
diodes are connected between the BOOST and INTVCC pins.
BG2, BG1 (Pins 27, 31): High Current Gate Drives for
Bottom N-Channel MOSFETS. Voltage swing at these pins
is from ground to INTVCC.
PGND (Pin 28): Driver Power Ground. Connect to sources
of bottom N-channel MOSFETS and the (–) terminals of CIN.
INTVCC (Pin 29): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source.
Decouple to power ground with a 1
µF ceramic capacitor
placed directly adjacent to the IC and minimum of 4.7
µF
additional tantalum or other low ESR capacitor.
EXTVCC (Pin 30): External Power Input to an Internal
Switch. This switch closes and supplies INTVCC, bypass-
ing the internal low dropout regulator whenever EXTVCC is
higher than 4.7V. See EXTVCC Connection in the Applica-
tions Information section. Do not exceed 7V on this pin
and ensure VEXTVCC ≤ VINTVCC.
VIN (Pin 32): Main Supply Pin. Should be closely de-
coupled to the IC’s signal ground pin.
PGOOD (Pin 36): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on the EAIN pin is not
within
±10% of its set point.


Similar Part No. - LTC3719

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
More results

Similar Description - LTC3719

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3819 LINER-LTC3819_15 Datasheet
393Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for Sun Server CPUs
LTC3819 LINER-LTC3819 Datasheet
383Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for Sun Server CPUs
LTC1706-61 LINER-LTC1706-61 Datasheet
182Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-61 LINER-LTC1706-61_15 Datasheet
187Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC3735 LINER-LTC3735_15 Datasheet
401Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com