Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032A-180LT44 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI2032A-180LT44
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-180LT44 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI2032A-180LT44 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Specifications ispLSI 2032/A
2
Functional Block Diagram
Figure 1. ispLSI 2032/A Functional Block Diagram
Global Routing Pool
(GRP)
A0
A1
A3
A7
A6
A5
A4
A2
GOE 0
Notes:
*Y1 and RESET are multiplexed on the same pin
I/O 0
I/O 1
I/O 2
I/O 3
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 31
I/O 30
I/O 29
I/O 28
I/O 27
I/O 26
I/O 25
I/O 24
I/O 23
I/O 22
I/O 21
I/O 20
I/O 19
I/O 18
I/O 17
I/O 16
SDI/IN 0
SDO/IN 1
I/O 4
I/O 5
Y0
*Y1/
RESET
SCLK/Y2
ispEN
MODE
0139B(1)isp/2000
The devices also have 32 I/O cells, each of which is
directly connected to an I/O pin. Each I/O cell can be
individually programmed to be a combinatorial input,
output or bi-directional I/O pin with 3-state control. The
signal levels are TTL compatible voltages and the output
drivers can source 4 mA or sink 8 mA. Each output can
be programmed independently for fast or slow output
slew rate to minimize overall output switching noise.
Eight GLBs, 32 I/O cells, two dedicated inputs and two
ORPs are connected together to make a Megablock
(Figure 1). The outputs of the eight GLBs are connected
to a set of 32 universal I/O cells by the ORP. Each ispLSI
2032 and 2032A device contains one Megablock.
The GRP has as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 2032 and 2032A devices are se-
lected using the dedicated clock pins. Three dedicated
clock pins (Y0, Y1, Y2) or an asynchronous clock can be
selected on a GLB basis. The asynchronous or Product
Term clock can be generated in any GLB for its own clock.


Similar Part No. - ISPLSI2032A-180LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-180LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com