Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRA-E420SW1 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # IRA-E420SW1
Description  Pyroelectric Infrared Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRA-E420SW1 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button IRA-E420SW1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRA-E420SW1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
!Note Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
S21E.pdf 05.11.16
4
6
! Rating (25˚C)
* 700K, 5Hz, 1Hz
Part Number
Responsivity (500K, 1Hz, 1Hz)
Field of View
Optical Filter
Electrode
Supply Voltage
Operating Temperature
Storage Temperature
3.4mVp-p (Typ.)
Silicon
-25 to 70
D
IRA-E420S1
1.3mVp-p (Typ.)*
4.3µm band-pass
-25 to 55
D
IRA-E420QW1
θ
1=
θ
2=17°
ø1.6mm
3 to 15V
-30 to 100
D
0.45mVp-p (Typ.)
θ
1=
θ
2=50°
4.45µm band-pass
ø1.8mm
-25 to 70
D
IRA-E420SW1


Similar Part No. - IRA-E420SW1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-E420SW1 MURATA1-IRA-E420SW1 Datasheet
290Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results

Similar Description - IRA-E420SW1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-S220ST01A01 MURATA1-IRA-S220ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S230ST01 MURATA1-IRA-S230ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S500ST01A01 MURATA1-IRA-S500ST01A01 Datasheet
424Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420QW1 MURATA1-IRA-E420QW1 Datasheet
289Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E700ST1 MURATA1-IRA-E700ST1 Datasheet
347Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S200ST01A01 MURATA1-IRA-S200ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420SW1 MURATA1-IRA-E420SW1 Datasheet
290Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRS-B345ST03-R1 MURATA1-IRS-B345ST03-R1 Datasheet
329Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S210ST01 MURATA1-IRA-S210ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S400ST01A01 MURATA1-IRA-S400ST01A01 Datasheet
423Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com