Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5873S Datasheet(PDF) 3 Page - Rohm

Part No. 2SC5873S
Description  Medium power transistor (30V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SC5873S Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5873S
Transistors
Rev.A
3/3
COLLECTOR CURRENT : IC (A)
0.001
1
0.1
0.01
0.1
1
10
IC / IB
=10 / 1
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.7 Base-Emitter Saturation
Voltage vs. Collecter Current
0
1.5
1
0.5
0.01
0.1
1
VCE
=2V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.8 Grounded Emitter
Propagation Characteristics
Ta
=125°C
Ta
=25°C
Ta
= −40°C
EMITTER CURRENT : IE (A)
Fig.9 Transition Frequency
0.001
1
0.1
0.01
10
100
1000
Ta
=25°C
VCE
=10V
0.1
1
10
100
1
10
100
BASE TO COLLECTOR VOLTAGE : VCB (V)
Fig.10 Collector Output Capacitance
Ta
=25°C
f
=1MHz
Switching characteristics measurement circuits
Collector current
waveform
Base current
waveform
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL
=50Ω
VCC
25V
PW
50 S
Duty cycle
≤ 1%
Ton
Tstg Tf


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn