Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C103Z8GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C103Z8GAC
Description  CERAMIC CHIP/STANDARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C103Z8GAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C103Z8GAC Datasheet HTML 1Page - Kemet Corporation C1210C103Z8GAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
38
KEMET
®
C 0805 C 103 K
5 R
A C*
CERAMIC
SIZE CODE
SPECIFICATION
C - Standard
CAPACITANCE CODE
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 thru 9.9pF. Use 8 for 0.5 through 0.99pF)
(Example: 2.2pF = 229 or 0.50 pF = 508)
CAPACITANCE TOLERANCE
B – ±0.10pF
J – ±5%
C – ±0.25pF
K – ±10%
D – ±0.5pF
M – ±20%
F – ±1%
P – (GMV)
G – ±2%
Z – +80%, -20%
L #
W #
T (EIA) #
B
S
MOUNTING
LENGTH
WIDTH
THICKNESS MAX.
BANDWIDTH
MIN. SEPARATION
TECHNIQUE
1.0 (.04) ± .05(.002)
0.5 (.02) ± .05 (.002)
0.55 (.022)
0.20 (0.008)-0.40 (0.016)
0.3 (.012)
Solder Reflow
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
0.9 (.035)
0.35 (.014) ±0.15 (.006)
0.7 (.028)
2.0 (.079) ± 0.2 (.008)
1.25 (.049) ± 0.2 (.008)
1.3 (.051)
0.5 (.02) ±.25 (.010)
0.75 (.030)
Solder Wave
3.2 (.126) ± 0.2 (.008)
1.6 (.063) ± 0.2 (.008)
1.5 (.059)
0.5 (.02) ±.25 (.010)
N/A
Solder Reflow
3.2 (.126) ± 0.2 (.008)
2.5 (.098) ± 0.2 (.008)
1.7 (.067)
0.5 (.02) ±.25 (.010)
N/A
4.5 (.177) ± 0.3 (.012)
3.2 (.126) ± 0.3 (.012)
1.7 (.067)
0.6 (.024) ±.35 (.014)
N/A
4.5 (.177) ± 0.3 (.012)
6.4 (.252) ± 0.4 (.016)
1.7 (.067)
0.6 (.024) ±.35 (.014)
N/A
5.6 (.220) ± 0.4 (.016)
5.0 (.197) ± 0.4 (.016)
1.8 (.071)
0.6 (.024) ±.35 (.014)
N/A
5.6 (.220) ± 0.4 (.016)
6.3 (.248) ± 0.4 (.016)
2.0 (.079)
0.6 (.024) ±.35 (.014)
N/A
DIMENSIONS—MILLIMETERS AND (INCHES)
CAPACITOR ORDERING INFORMATION
• C0G (NP0), X7R, Z5U and Y5V Dielectrics
• 10, 16, 25, 50, 100 and 200 Volts
• Standard End Metalization: Tin-plate over nickel
barrier
• Available Capacitance Tolerances: ±0.10 pF; ±0.25
pF; ±0.5 pF; ±1%; ±2%; ±5%; ±10%; ±20%; and
+80%-20%
• Tape and reel packaging per EIA481-1. (See page
51 for specific tape and reel information.) Bulk
Cassette packaging (0402, 0603, 0805 only) per
IEC60286-6 and EIAJ 7201.
FEATURES
CAPACITOR OUTLINE DRAWINGS
END METALLIZATION
C-Standard
(Tin-plated nickel barrier)
FAILURE RATE LEVEL
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%)
U – Z5U (+22%, -56%)
V – Y5V (+22%, -82%)
VOLTAGE
1 - 100V
3 - 25V
2 - 200V
4 - 16V
5 - 50V
8 - 10V
W
L
T
B
S
TIN PLATE
NICKEL PLATE
CONDUCTIVE
METALLIZATION
ELECTRODES
* Part Number Example: C0805C103K5RAC
(14 digits - no spaces)
* Note: Indicates EIA Preferred Case Sizes
# Note: Different tolerances apply for 0402, 0603, and 0805 packaged in bulk cassette.
or
Solder
Reflow
CERAMIC CHIP/STANDARD
METRIC
SIZE CODE
(Ref only)
1005
1608
2012
3216
3225
4532
4564
5650
5664
EIA
SIZE CODE
0402*
0603*
0805*
1206*
1210*
1812
1825*
2220
2225
(Standard Chips - For
Military see page 45)


Similar Part No. - C1210C103Z8GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C103F1GAC KEMET-C1210C103F1GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C1210C103F3GAC KEMET-C1210C103F3GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C1210C103F4GAC KEMET-C1210C103F4GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C1210C103F5GAC KEMET-C1210C103F5GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C1210C103F5GACTU KEMET-C1210C103F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0.01 uF, /-1% Tol, 50 V, C0G, 1210 (3225 metric)
More results

Similar Description - C1210C103Z8GAC

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-7700-1C RENCO-RL-7700-1C Datasheet
1Mb / 8P
   STANDARD CERAMIC WIREWOUND CHIP INDUCTORS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com