Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH7013B-DF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CH7013B-DF
Description  Digital PC to TV Encoder
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH7013B-DF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CH7013B-DF Datasheet HTML 1Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 2Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 3Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 4Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7013B-DF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
CHRONTEL
CH7013B
4
201-0000-069
Rev. 1.2, 9/1/2004
48-Pin
LQFP
Type
Symbol
Description
22
Out
CVBS/B
Composite Video Output
A 75
Ω termination resistor with short traces should be attached between CVBS
and ground for optimum performance. In normal operating modes other than
SCART, this pin outputs the composite video signal. In SCART mode, this pin
outputs the blue signal.
19
Out
CSYNC
Composite Sync Output
A 75
Ω termination resistor with short traces should be attached between CSYNC
and ground for optimum performance. In SCART mode, this pin outputs the
composite sync signal.
29
In/Out
DATA
/SD
Serial Data (External pull-up required)
This pin functions as the serial data pin of the serial interface port (see the serial
Port Operation section for details).
30
In
CLOCK
/SL
Serial Clock (Internal pull-up)
This pin functions as the serial clock pin of the serial interface port (see the serial
Port Operation section for details).
32
In
ADDR
Serial Address Select (Internal pull-up)
This pin is the serial Address Select pin, which corresponds to bits 1 and 0 of the
serial device address, creating an serial port address selection as follows:
ADDR
Serial Address Selected
1
111 0101 = 75h = 117
0
111 0110 = 76h = 118
NOTE: The serial port address is not to be confused with the Device Address Byte.
The Device Address Byte is composed of 8 bits rather than 7 bits where the first 7
bits is the serial port address and the last bit is the read/write bit. Please refer to
AN47 for details.
38
Power
AGND
Analog ground
These pins provide the ground reference for the analog section of the CH7013B,
and MUST be connected to the system ground, to prevent latchup. Refer to the
Application Information section for information on proper supply de-coupling.
34
Power
AVDD
Analog Supply Voltage
These pins supply the +3.3V power to the analog section of the CH7013B.
28
Power
VDD
DAC Power Supply
These pins supply the +3.3V power to CH7013B’s internal DAC’s.
20, 26
Power
GND
DAC Ground
These pins provide the ground reference for CH7013B’s internal DACs. For
information on proper supply de-coupling, please refer to the Application
Information section.
5, 18,
33, 42
Power
DVDD
Digital Supply Voltage
These pins supply the +3.3V power to the digital section of CH7013B.
8, 20,
31, 40
Power
DGND
Digital Ground
These pins provide the ground reference for the digital section of CH7013B, and
MUST be connected to the system ground to prevent latchup.
Table 1. Pin Descriptions


Similar Part No. - CH7013B-DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013A-T ETC1-CH7013A-T Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013A-V ETC1-CH7013A-V Datasheet
249Kb / 46P
   Digital PC to TV Encoder
More results

Similar Description - CH7013B-DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7008A ETC-CH7008A Datasheet
341Kb / 49P
   Digital PC to TV Encoder Features
CH7006C ETC-CH7006C Datasheet
338Kb / 49P
   Digital PC to TV Encoder Features
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
CH7007A ETC-CH7007A Datasheet
278Kb / 49P
   DIGITAL PC TO TV ENCODER WITH MACROVISION
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com