Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55VZM216AFTN08 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC55VZM216AFTN08
Description  262,144-WORD BY 16-BIT CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VZM216AFTN08 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC55VZM216AFTN08 Datasheet HTML 1Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 2Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 3Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 4Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 5Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 6Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 7Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 8Page - Toshiba Semiconductor TC55VZM216AFTN08 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC55VZM216AJJN/AFTN08,10,12
2003-01-17
5/11
AC CHARACTERISTICS (Ta
==== 0° to 70°C
(See Note 1)
, VDD
==== 3.3 V ±±±± 0.3 V)
READ CYCLE
TC55VZM216AJJN/AFTN
08
10
12
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
8
10
12
tACC
Address Access Time
8
10
12
tCO
Chip Enable Access Time
8
10
12
tOE
Output Enable Access Time
4
5
6
tBA
Upper Byte, Lower Byte Access Time
4
5
6
tOH
Output Data Hold Time from Address Change
3
3
3
tCOE
Output Enable Time from Chip Enable
3
3
3
tOEE
Output Enable Time from Output Enable
0
0
0
tBE
Output Enable Time from Upper Byte, Lower Byte
0
0
0
tCOD
Output Disable Time from Chip Enable
4
5
6
tODO
Output Disable Time from Output Enable
4
5
6
tBD
Output Disable Time from Upper Byte, Lower Byte
4
5
6
ns
WRITE CYCLE
TC55VZM216AJJN/AFTN
08
10
12
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
8
10
12
tWP
Write Pulse Width
6
7
8
tCW
Chip Enable to End of Write
6
7
8
tBW
Upper Byte, Lower Byte Enable to End of Write
6
7
8
tAW
Address Valid to End of Write
6
7
8
tAS
Address Setup Time
0
0
0
tWR
Write Recovery Time
0
0
0
tDS
Data Setup Time
4
5
6
tDH
Data Hold Time
0
0
0
tOEW
Output Enable Time from Write Enable
3
3
3
tODW
Output Disable Time from Write Enable
4
5
6
ns
AC TEST CONDITIONS
Fig.1
PARAMETER
TEST CONDITION
Input Pulse Level
3.0 V/ 0.0 V
Input Pulse Rise and Fall Time
2 ns
Input Timing Measurement
Reference Level
1.5 V
Output Timing Measurement
Reference Level
1.5 V
Output Load
Fig.1
I/O pin
CL = 30 pF
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
I/O pin
CL = 5 pF
870
(For tCOE, tOEE, tBE, tCOD,
tBD, tODO, tOEW and tODW)
3.3 V
1200


Similar Part No. - TC55VZM216AFTN08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V040AFT-70 TOSHIBA-TC55V040AFT-70 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10 TOSHIBA-TC55V1001AF-10 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10L TOSHIBA-TC55V1001AF-10L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
More results

Similar Description - TC55VZM216AFTN08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
   262,144-WORD BY 16 BIT STATIC RAM
TC554161AFT-70 TOSHIBA-TC554161AFT-70 Datasheet
150Kb / 10P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
   262,144-WORD BY 16-BIT STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5255DP-45LL MITSUBISHI-M5M5255DP-45LL Datasheet
64Kb / 7P
   262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
   262,144 WORD x 16 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com