Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC55VZM216A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC55VZM216A
Description  262,144-WORD BY 16-BIT CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC55VZM216A Datasheet(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC55VZM216AJJN/AFTN08,10,12
2003-01-17
2/11
BLOCK DIAGRAM
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−0.5 to 4.6
V
VIN
Input Terminal Voltage
−0.5* to 4.6
V
VI/O
Input/Output Terminal Voltage
−0.5* to VDD + 0.5**
V
PD
Power Dissipation
1.4
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−65 to 150
°C
Topr
Operating Temperature
−10 to 85
°C
*:
−1.5 V with a pulse width of 20% of tRC min (4 ns max)
**: VDD + 1.5 V with a pulse width of 20% of tRC min (4 ns max)
I/O1
CE
VDD
GND
I/O8
WE
CE
CE
I/O9
OE
UB
LB
CE
A2 A3 A6 A7 A10 A11 A12
A0
A1
A4
A5
A8
A9
A13
A14
A15
A17
A16
CLOCK
GENERATOR
COLUMN ADDRESS BUFFER
COLUMN DECODER
SENSE AMP
MEMORY CELL ARRAY
1,024
× 256 × 16
(4,194,304)
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn