Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0640M Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # TB0640M
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TB0640M Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  TB0640M Datasheet HTML 1Page - Lite-On Technology Corporation TB0640M Datasheet HTML 2Page - Lite-On Technology Corporation TB0640M Datasheet HTML 3Page - Lite-On Technology Corporation TB0640M Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SYMBOL
VDRM
IDRM
VBR
IBR
VBO
IBO
PARAMETER
Stand-off Voltage
Leakage current at stand-off voltage
Breakdown voltage
Breakdown current
Breakover voltage
Holding current
Note: 1
IH
VT
IPP
CO
On state voltage
Peak pulse current
Off state capacitance
Note: 2
Breakover current
VDRM
IDRM
VBR
IBR
VBO
IBO
IH
VT
IPP
V
I
NOTES: 1. IH > (VL/RL) If this criterion is not obeyed, the TSPD Triggers but does not return correctly to high-resistance state.
The Surge recovery time does not exceed 30ms.
2. Off-state capacitance measured at f=1.0MHz; 1.0VRMS signal; VR=2VDC bias.
TB0640M
TB0720M
75
58
65
TB0900M
TB1100M
TB1300M
TB1500M
TB1800M
TB2300M
TB2600M
TB3100M
TB3500M
140
90
120
220
160
190
275
320
5
5
5
5
5
5
5
5
5
5
5
98
77
88
180
130
160
300
220
265
350
400
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
150
150
150
150
150
150
150
150
150
150
150
140
140
140
90
90
90
60
90
60
60
60
50
50
50
50
50
50
50
50
50
50
50
Max
PARAMETER
SYMBOL
UNITS
LIMIT
RATED
REPETITIVE
OFF-STATE
VOLTAGE
OFF-STATE
LEAKAGE
CURRENT
@ VDRM
BREAKOVER
VOLTAGE
ON-STATE
VOLTAGE
@ IT=1.0A
HOLDING
CURRENT
OFF-STATE
CAPACITANCE
Max
Max
Max
Min
Max
Min
Typ
VDRM
IDRM
VBO
VT
IBO-IBO+
IH-
Co
Volts
uA
Volts
Volts
mA
mA
mA
pF
ELECTRICAL CHARACTERISTICS @ TA= 25℃
℃ unless otherwise specified
TB0640M thru TB3500M
BREAKOVER
CURRENT
800
800
800
800
800
800
800
800
800
800
800
Max
IH+
mA
800
800
800
800
800
800
800
800
800
800
800
REV. 0, 09-Oct-2001, KSWB06


Similar Part No. - TB0640M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640M DIODES-TB0640M Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640M DIODES-TB0640M Datasheet
114Kb / 5P
   50A BIDIRECTIONAL SURFACE MOUNT THYRISTOR DUAL NPN TRANSISTOR
DS30361 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB0640M-13 DIODES-TB0640M-13 Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results

Similar Description - TB0640M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com