Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79Q4457V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM79Q4457V
Description  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457V Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM79Q4457V Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
Am79Q4457/5457 Data Sheet
FUNCTIONAL DESCRIPTION
The QSLAC-NP device performs the Codec/Filter and
two-to-four-wire conversion function (requires external
balance impedance) required of the subscriber line in-
terface circuitry in telecommunications equipment.
These functions involve converting an audio signal into
digital PCM samples and converting digital PCM sam-
ples back into an audio signal. During conversion, dig-
ital filters are used to band limit the voice signals. All of
the digital filtering is performed in digital signal proces-
sors operating from an internal clock, which is derived
from MCLK. The fixed filters set the transmit and re-
ceive gain and frequency response.
The transmit and receive gain can be altered on a per-
channel basis and the per-channel balance impedance
can be selected between two external impedances by
the Am79Q4457 QSLAC-NP device. Control of these
functions is provided by an integrated serial shift regis-
ter and latch per channel. These additional functions
are available on the Am79Q4457 device only.
Data transmitted or received on the PCM highway is an
8-bit, A-law or
µ-law companded code. The QSLAC-NP
device is compatible with both codes. Code selection is
provided via a device pin (A/µ). The 8-bit codes appear
1 byte per time slot. The PCM data is read and written to
the PCM highway in time slots determined by the indi-
vidual Frame Sync signals (FSR
N and FSXN) at rates
from 256 kHz to 4.096 MHz. Both Long- and Short-
Frame Sync modes are available in the QSLAC-NP de-
vice.
Two configurations of the QSLAC-NP device are of-
fered as pictured previously. The Am79Q4457 de-
v i c e wi t h s e ri a l c ont r o l of ga i n a n d b a l anc e
impedance is available in the 44-pin PLCC package
and 44-pin TQFP package. The Am79Q5457 device
without serial control is available in a 32-pin PLCC
package and 44-pin TQFP package.
Serial Control
Package
Part Number
Yes
44 PLCC
Am79Q4457
JC
No
32 PLCC
Am79Q5457
JC
Yes
44 TQFP
Am79Q4457 VC
No
44 TQFP
Am79Q5457 VC


Similar Part No. - AM79Q4457V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021 ETC1-AM79Q021 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021JC ETC1-AM79Q021JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021VC ETC1-AM79Q021VC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q02JC ETC1-AM79Q02JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
More results

Similar Description - AM79Q4457V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com