Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C031JC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C031JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031JC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C031JC Datasheet HTML 5Page - Advanced Micro Devices AM79C031JC Datasheet HTML 6Page - Advanced Micro Devices AM79C031JC Datasheet HTML 7Page - Advanced Micro Devices AM79C031JC Datasheet HTML 8Page - Advanced Micro Devices AM79C031JC Datasheet HTML 9Page - Advanced Micro Devices AM79C031JC Datasheet HTML 10Page - Advanced Micro Devices AM79C031JC Datasheet HTML 11Page - Advanced Micro Devices AM79C031JC Datasheet HTML 12Page - Advanced Micro Devices AM79C031JC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SLAC Products
9
ABSOLUTE MAXIMUM RATINGS
Storage temperature . . . . . . . . . –60°C
≤ T
A ≤ +125°C
Ambient operating temperature . . –40°C
≤ T
A ≤ +85°C
Ambient relative humidity . . . . . . . . . . . . . 5% to 100%
(noncondensing)
VCCA with respect to AGND . . . . . . . .–0.4 V to +7.0 V
VCCD with respect to DGND. . . . . . . .–0.4 V to +7.0 V
VCCP with respect to PGND . . . . . . . .–0.4 V to +7.0 V
VEE with respect to AGND . . . . . . . . .+0.4 V to –7.0 V
VIN with respect to VCCA. . . . . . . . .+0.4 V to –10.0 V
(VEE = –5 V)
VIN with respect to VEE . . . . . . . . . .–0.4 V to +10.0 V
(VCCA = +5 V)
Other pins with respect to DGND1 . . . . .–0.4 V to VCC
Total combined C1–C5 current per channel:
Source from VCC . . . . . . . . . . . . . . . . . . . . . . . 32 mA
Sink into DGND . . . . . . . . . . . . . . . . . . . . . . . . 24 mA
Latch-up immunity (any pin). . . . . . . . . . . . . . ±30 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Analog supply . . . . . . . . . . . . . . . . . . . . . . +5.0 V ±5%
VCCA1, VCCA2, or VCCA
Digital supply . . . . . . . . . . . . . . . . . . . . . . +5.0 V ±5%
VCCP, VCCD1, VCCD2, or VCCD
Analog supply VEE1, VEE2 . . . . . . . . . . . . –5.0 V ±5%
PGND, DGND1, DGND2, or DGND . . . . . . . . . . . . 0 V
AGND1, AGND2, or AGND . . . . . . . . . . . . . . . ±50 mV
Ambient temperature . . . . . . . . . . . 0°C
≤ T
A ≤ +70°C*
Ambient relative humidity . . . . . . . . . . . . . 15% to 85%
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
* Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40
°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.


Similar Part No. - AM79C031JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79C031JC ETC1-AM79C031JC Datasheet
501Kb / 48P
   Advanced Subscriber Line Interface Circuit (ASLIC) Device
More results

Similar Description - AM79C031JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com