Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27262LQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27262LQ
Description  Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27262LQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27262LQ Datasheet HTML 3Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 4Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 5Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 6Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 7Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 8Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 9Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 10Page - National Semiconductor (TI) LM27262LQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics (Note 5),(Note 6) V
CC5V = 5V unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DAC Voltage Accuracy
with Internal VREF
VID codes from 1.5625V to 1.6000V
±0.9
%
VID codes from 0.8375V to 1.1000V
±0.9
%
VID codes from 1.1125V to 1.5500V
±0.75
%
DAC Voltage Accuracy
with External VREF =
1.225V
VID codes: 1.5500V & 1.6000V
-0.6
-0.8
±0.15
0.75
0.8
%
VID codes: 0.8375V & 1.0000V
-1.0
-1.2
-0.15
1.0
1.2
%
VID codes: 1.1000V, 1.2000, 1.3000, 1.4000 &
1.5000
-0.5
-0.8
±0.1
0.5
0.8
%
REFERENCE VOLTAGE
Internal Reference
Voltage
1.210
1.235
1.260
V
VREF Output Load
Regulation
I
VREF from 0 to 50 µA
-2.5
mV
VREF Line Regulation
V
CC5V = (4.65V to 5.5V), IVREF = 50uA
±0.2
mV
External VREF Voltage REFINT=LOW, see LM27201 Electrical Specs.
1.225
V
External VREF
Compensating Offset
(applied internally)
REFINT=LOW
10
mV
STANDARD OFFSET PROGRAMMING INPUTS: VPROG, VSTDOS, IREF
IREF Output Voltage
100 µA Load Current
1.400
V
VOS
(VSTDOS-VPROG)
IREF = 80.4 µA, R
OS = 309
-25
mV
LOAD LINE SLOPE ADJUSTMENT (SLADJ), CURRENT LIMIT (CLIMADJ)
SLADJ2 Input Source
Current
SLADJ2 connected to GND
0.07
µA
CLIMADJ Input Source
Current
V
CLIMADJ = VREF
2
µA
Load Line Slope (LLS) SLADJ divider 41.2k/8.45k, R
SENSE =2m
-1.3
m
LLS Maximum Error
Nominal LLS = -1.3mV/A, I
SLADJ1 =50µA,
Isense diff. input = 20mV; not switching
±0.06
m
CURRENT SENSE LINES VILx AND VIHx
Current Sense
Amplifier Input Offset
Voltage
Common Mode Voltage = 1.30V
±0.5
mV
Current Sense
Differential Voltage
Range
Over full VID range
0-100
mV
Current Sense Input
Source Current
VIHx = VILx = 100mV
14
25
µA
Differential Input
Resistance
Common Mode Voltage = 1.3V
1
k
CORE VOLTAGE ERROR AMPLIFIER
VCORE Input Bias
Current
VFB = 1.4V
0.3
µA
COMP Output Sink
Current
Vcomp = 2.5V VFB = 5V
100
µA
COMP Output Source
Current
Vcomp = 4V VFB = 0V
0.5
mA
VFB Input Bias Source
Current
VFB = 1.4V VDAC = 1.3V
1.0
µA
www.national.com
7


Similar Part No. - LM27262LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2726 NSC-LM2726 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2726M TI1-LM2726M Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
LM2726M/NOPB TI1-LM2726M/NOPB Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
National Semiconductor ...
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

Similar Description - LM27262LQ

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2403 MOXA-V2403 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU industrial computer
V2406C MOXA-V2406C Datasheet
2Mb / 7P
   7th Gen Intel Core CPU railway computers
logo
Maxim Integrated Produc...
MAX1718 MAXIM-MAX1718 Datasheet
700Kb / 35P
   Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
19-1960; Rev 3; 8/02
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
logo
Protech Systems Co., Lt...
PSB-701LF PROTECHSYSTEMS-PSB-701LF Datasheet
494Kb / 2P
   Socket 775 Intel Core 2Duo Core 2Quad PICMG 1.3 CPU Card
logo
Richtek Technology Corp...
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com