Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTK6N70P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK6N70P
Description  6.0 Amps, 700 Volts N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6N70P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK6N70P Datasheet HTML 1Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 2Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 3Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 4Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 5Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 6Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2013. 01. 03
3/7
Revision No : 0
Power MOSFET
ELECTRICAL CHARACTERISTICS(Cont.)
VSD
VGS = 0 V, IS = 6.0 A
1.4
V
IS
6.0
A
ISM
24.0
A
tRR
531
ns
QRR
VGS = 0 V, IS = 1.0A,
dIF/dt =100 A/µs (Note 4)
3.3
µC
Note:
1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 300mH, IAS = 5.0A, VDD = 140V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 1.0A, di/dt ≤ 300A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
5. Essentially independent of operating temperature
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
Maximum Continuous Drain-Source Diode
Forward Current
Maximum Pulsed Drain-Source Diode Forward
Current
Reverse Recovery Time
Reverse Recovery Charge
MAX
FTK6N70P/F/D/I


Similar Part No. - FTK6N70P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
   60V NP Dual Channel MOSFETs
FTK60N04D FS-FTK60N04D Datasheet
347Kb / 4P
   N-Channel Power MOSFET
FTK60P05S FS-FTK60P05S Datasheet
460Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
FTK6207SP FS-FTK6207SP Datasheet
1Mb / 6P
   12V, 4.0 mΩ, 8.5A, Dual N-Channel
2020.10.05
FTK6303 FS-FTK6303 Datasheet
1,021Kb / 5P
   Dual P-CH 60V Fast Switching MOSFETs
More results

Similar Description - FTK6N70P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com