Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTK5N60P Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part No. FTK5N60P
Description  5 Amps, 600 Volt N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N60P Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK5N60P Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TYPICAL CHARACTERISTICS(Cont.)
0
0
Drain Current, ID (A)
2
4
VGS =20V
1
2
4
5
6
On-Resistance Variation vs. Drain
Current and Gate Voltage
3
6
8
10 12
Note: T J=25˚C
VGS=10V
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs. Allowable Case
Temperature
1.8
0.4 0.6 0.8 1.0 1.2
1.6
1.4
10
150˚C
25˚C
Notes:
1. VGS = 0V
2. 250μs Test
1200
0
0.1
Drain-SourceVoltage, VDS (V)
1000
200
1
10
Ciss
800
600
Notes:
1. VGS=0V
2. f = 1MHz
Ciss Cgs +Cgd (Cds=shorted )
Coss=Cds+Cgd Crss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
5
15
25
Note: ID = 4A
8
10
12
10
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
20
Gate Charge Characteristics
Coss
Crss
400
Notes:
1 θJC (t) = 1 18˚C/W Max
2 Duty Factor , D =t1/t2
3 TJM-TC=PDM×θJC(t)
1
0.1
0.01
1E-5 1E-4 1E-3 0.01 0.1
1 10
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response
Curve
2015. 03. 30
7/7
Revision No : 0
Power MOSFET
FTK5N60P/F/D/I


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn