Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTK5N60P Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part No. FTK5N60P
Description  5 Amps, 600 Volt N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N60P Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK5N60P Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
-100
Junction Temperature, TJ (˚C
)
-50
50
200
100 150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250μA
Breakdown Voltage Variation vs.
Temperature
10
1
0.1
Drain-Source Voltage,
VDS (
V)
100
10
1
100μs
1000
10ms
1ms
DC
Operation in This Area is Limited by
RDS(on)
Maximum Safe Operating Area
Case Temperature,
TJ (
˚C)
75 100
0
125
5
2
0
5
1
2
3
4
5
Maximum Drain Current vs. Case
Temperature
Notes:
1 TJ = 25˚C
2 TJ =150˚C
3 Single Pulse
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VDS (V)
Transfer Characteristics
4
6
8
10
150˚C
Notes:
1. VDS =50V
2.
250μs Pulse Test
10
1
0.1
25˚C
5.0V
Notes:
1. 250μs Pulse Test
2. TC=25
˚C
VGS
Top : 10V
9V
8V
7V
6V
5 5V
5V
Bottorm :5 0V
2015. 03. 30
6/7
Revision No : 0
Power MOSFET
TYPICAL CHARACTERISTICS
FTK5N60P/F/D/I
Junction Temperature, TJ (
˚C)
On-Resistance Junction Temperature
0
50
0
5
1
0
0
1
0
5
-
0
0
1
-
0.0
0.5
3.0
2.5
1.0
1.5
2.0
VGS =10V
IDS = 2.25A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn