Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTK5N60P Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part No. FTK5N60P
Description  5 Amps, 600 Volt N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N60P Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK5N60P Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤ 0 1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0 3
μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
3mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
2015. 03. 30
5/7
Revision No : 0
Power MOSFET
TEST CIRCUITS AND WAVEFORMS (Cont.)
FTK5N60P/F/D/I


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn