Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTK5N60P Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part No. FTK5N60P
Description  5 Amps, 600 Volt N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N60P Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK5N60P Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N60P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by R G
* ISDcontrolled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms
2015. 03. 30
4/7
Revision No : 0
Power MOSFET
TEST CIRCUITS AND WAVEFORMS
FTK5N60P/F/D/I


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn