Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2211PSQG Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. SM2211PSQG
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM2211PSQG Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  SM2211PSQG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM2211PSQG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Soure-Drain Diode Forward Voltage
Threshold Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
TJ = 25 °C
100
TJ - Temperature (°C)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
VGS - Gate-to-Source Voltage (V)
0.012
0.024
0.036
0.048
0.060
012345
ID = 6.7 A
TA = 125 °C
TA = 25 °C
Time (s)
10
1000
0.1
0.01
0.001
100
1
0
5
10
15
20
25
30
Safe Operating Area, Junction-to-Ambient
1
0.1
1
10
100
0.01
10
1 ms
0.1
TA = 25 °C
Single Pulse
10 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
Limited by RDS(on)*
100 µs
BVDSS Limited
100
100 ms
1 s
10 s
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SM2211PSQG
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL