Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1254WB2-150 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1254WB2-150
Description  2M x 8 NV SRAM with Phantom Clock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1254WB2-150 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1254WB2-150 Datasheet HTML 5Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 6Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 7Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 8Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 9Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 10Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 11Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 12Page - Dallas Semiconductor DS1254WB2-150 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS1254
9 of 17
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V
±10%, TA = 0°C to +70°C)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
150
ns
Address Access Time
tAAC
150
ns
OE to Output Valid
tOE
75
ns
CE to Output Valid
tCO
150
ns
CE or OE to Output Active
tCOE
0
ns
2
Output High-Z from Deselection
tOD
70
ns
2
Output Hold from Address Change
tOH
5
ns
Write Cycle Time
tWC
150
ns
WE, CE Pulse Width
tWP
100
ns
5
Address Setup Time
tAW
0
ns
tAH1
5
ns
6
Address Hold Time
tAH2
25
ns
7
Output High-Z from
WE
tODW
70
ns
2
Output Active from
WE
tOEW
5
ns
2
Data Setup Time
tDS
60
ns
8
tDH1
0
ns
6
Data Hold Time
tDH2
20
ns
8
Read Recovery (Clock Access Only)
tRR
20
ns
Write Recovery (Clock Access Only)
tWR
20
ns


Similar Part No. - DS1254WB2-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1254WB2-150 MAXIM-DS1254WB2-150 Datasheet
161Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
12/09
More results

Similar Description - DS1254WB2-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1254 MAXIM-DS1254 Datasheet
161Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
12/09
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
   64K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1248 MAXIM-DS1248 Datasheet
631Kb / 19P
   1024K NV SRAM with Phantom Clock
Rev 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com