Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1T12CW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part No. 1T12CW
Description  1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Homepage  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1T12CW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  1T12CW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1T12CW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1T12CW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1T12CW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
1T12CW_1.5RP – Rev. 2020-1.0
Specifications subject to change without notice.
Mechanical dimensions & footprint
PIN
1
2, 3
5
6
7, 8
10, 11
12
SINGLE
-Vin
NC
-Vout
+Vout
NC
NC
+Vin
Simplified schematic
Typical applications
Single output
Single output
NOTE :
All Dimensions are in mm [inches]
1. Pin Size is 0.50x0.30mm[0.02x0.01”]
2. Pin is Tolerance .XX= ±0.07mm
3. Tolerance .X or .XX= ±0.5mm
Top view
Bottom view
1T12CW_1.5RP series
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn