Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SC4097 Datasheet(PDF) 3 Page - Rohm

Part No. 2SC4097
Description  Medium Power Transistor (32V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SC4097 Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4097
Transistors
Rev.A
3/3
0.5
1
2
5
10
20
50 100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
Ta
=25°C
Ta
lC/lB
=10
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current
500 1000
0.1
200
10
0.2
50 100
0.5
20
12
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC
(mA)
Ta=100°
C
75°C
50°C
25°C
0°C
−25°
C
−50°
C
VCE
=3V
Fig.5 DC current gain vs. collector current
Fig. 6 Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE (mA)
Ta
=25°C
VCE
=5V
−0.5
−1
−2
−5
−10
−20
−50
50
100
200
500
0.5
1
2
5
10
20
50
5
2
10
20
50
Cib
Cob
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.7
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn