Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC1741S Datasheet(PDF) 1 Page - Rohm

Part No. 2SC1741S
Description  Medium Power Transistor (32V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SC1741S Datasheet(HTML) 1 Page - Rohm

  2SC1741S Datasheet HTML 1Page - Rohm 2SC1741S Datasheet HTML 2Page - Rohm 2SC1741S Datasheet HTML 3Page - Rohm 2SC1741S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC1741S
Transistors
Rev.A
1/3
Medium Power Transistor (32V, 0.5A)
2SC1741S
Features
1) High ICMax.
ICMax.
= 0.5A
2) Low VCE(sat).
Optimal for low voltage operation.
3) Complements the
2SA1036K / 2SA1577 / 2SA854S.
Structure
Epitaxial planar type
NPN silicon transistor
External dimensions (Units : mm)
4
±0.2
2
±0.2
0.45
0.5
0.45
5
(1) (2) (3)
0.05
+0.15
+0.15
0.05
2.5+0.4
0.1
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
2SC1741S
Denotes hFE
Absolute maximum ratings (Ta = 25
°C)
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
40
V
V
V
A
W
°C
°C
32
5
0.5
IC
0.3
150
−55 to +150
Symbol
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
PC must not be exceeded.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn