Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVM4A205B01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PVM4A205B01
Description  SMD Sealed Type 4mm Size PVM4 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVM4A205B01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PVM4A205B01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVM4A205B01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVM4A205B01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVM4A205B01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVM4A205B01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVM4A205B01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No.
Item
Test Methods
Total Resistance
1
Measure total resistance between the resistance element and terminals (terminals #1 and #3) with the contact arm
positioned against a stop. The positioning of the contact arm and terminal shall be the same for subsequent total
resistance measurements on the same device.
Use the test voltage specified in Table-1 for total resistance measurements. This voltage shall be used whenever a
subsequent total resistance measurement is made.
Specifications and Test Methods
Residual Resistanc
2
Position the contact arm at the extreme counterclockwise limit of mechanical travel and measure the resistance
between the contact arm and the corresponding end terminal. Then, position the contact arm at the extreme clock-
wise limit of mechanical travel and measure the resistance between the contact arm and the corresponding end ter-
minal. During this test, take suitable precautions to ensure that the rated current of the resistance element is not
exceeded.
Contact Resistance
3
4
1
Total resistance,
Nominal (ohm)
10
VRV100
100
FRV1k
1k
FRV10k
10k
FRV100k
100k
FR
1.0
Maximum Test
Voltage (V)
Rx
1
2
3
Proofreaded
Resistence
AC
Amplifier
Oscilloscope
Rx : Trimmer Potentiometer
Oscilloscope bandwidth :100Hz to 50kHz
Constant Current
Source not to
Exceed Rating of
Unit Being Tested
Figure-1 CRV measuring circuit
Table-1 Total resistance test voltage
3.0
10.0
30.0
100.0
Contact resistance variation shall be measured with the measuring circuit shown in below, or its equivalent. The
operating wiper shall be rotated in both directions through 90% of the actual effective-electrical travel for a total of 6
cycles.
The rate of rotation of the operating wiper shall be such that the wiper completes 1 countin determining whether or
not a contact resistance variation is observed at least twice in the same location. The test current shall follow the
value given in Table-2 unless otherwise limited by the power rating.
Standard total
resistance R (ohm)
100
VRF10k
10k
VRF100k
100
VR
10mA Max.
Test Current
Table-2 Test current for CRV
1mA Max.
100µA Max.
Humidity Exposure
The wiper contact point shall be pre-setted at about 50% position of effective rotational angle. After that, the poten-
tiometer shall be placed in a chamber at 40±2°C and 90 - 95% without loading for 500±12 hours.
The resistance value shall be measured after keeping the potentiometer in a room for 5±1/6 hours.
5
High Temperature
Exposure
The wiper contact point shall be pre-setted at about 50% position of effective rotational angle. After that, the poten-
tiometer shall be placed in a chamber at 70±2°C without loading for 500±12 hours. The resistance value shall be
measured after keeping the potentiometer in a room for 1.5±1/6 hours.
6
Humidity Load Life
The wiper contact point shall be pre-setted at about 50% position of effective rotational angle. After that, the poten-
tiometer shall be placed in a chamber at 40±2°C and 90 - 95% with loading the 1/2 rated voltage between #1 and #2
terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12hours.
The resistance value shall be measured after keeping the potentiometer in a room for 5±1/6 hours.
7
Load Life
The wiper contact point shall be pre-setted at about 50% position of effective rotational angle. After that, the poten-
tiometer shall be placed in a chamber at 70±2°C (50±2°C for PVZ) with loading the 1/2 rated voltage between #1
and #2 terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12 hours. The resistance value shall be
measured after keeping the potentiometer in a room for 1.5±1/6 hours.
The tests and measurements shall be conducted under the condition of 15 to 35°C of temperature, 25 to 75% of relative humidity and 86 to 106 kpa of
atmospheric pressure unless otherwise specified. In case when entertained a doubt in judgment obtained from results measured in accordance with the
above mentioned conditions, the tests and measurements shall be conducted under the condition of 25±2°C of temperature and, 45 to 55% of relative
humidity and 86 to 106 kpa of atmospheric pressure.
8
Temperature Cycle
The wiper contact point shall be pre-setted at about 50% position of effective rotational angle. After that, the poten-
tiometer shall be subjected to Table-3,Table-4 temperature for 5 cycles. The resistance value shall be measured
after keeping the potentiometer in a room for 1.5±10 minutes.
Sequence
Temp. (°C)
-25±3
1
Table-3 PVZ
Time (min.)
+25±2
2
3
+85±3
+25±2
4
30±3
10Max.
Sequence
Temp. (°C)
-55±3
1
Table-4 PVA3/PVS3/PVM4A
---A01
Time (min.)
30±3
+25±2
2
10Max.
3
+125±3 +25±2
4
30±3
10Max.
Continued on the following page.
10Max.
30±3
SMD Open Type and PVM4A_A01 Series Specifications and Test Methods
70
9
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specification or to transact the approval sheet for product specificaion before ordering.
!Note
R50E12.pdf 02.9.5


Similar Part No. - PVM4A205B01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVM4A205C01B00 MURATA-PVM4A205C01B00 Datasheet
202Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVM4A205C01B00 MURATA1-PVM4A205C01B00 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVM4A205C01B00 MURATA1-PVM4A205C01B00_V01 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
logo
Murata Manufacturing Co...
PVM4A205C01R00 MURATA-PVM4A205C01R00 Datasheet
200Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVM4A205C01R00 MURATA1-PVM4A205C01R00 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results

Similar Description - PVM4A205B01

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000110 ERNI-DC0000110 Datasheet
74Kb / 1P
   Federleiste SMD. Powerm. 4mm Female Con, SMD, Powerm. 4mm
logo
Bourns Electronic Solut...
PVG3 BOURNS-PVG3 Datasheet
259Kb / 3P
   SMD Sealed Type Single-Turn PVG3 Series
PVF2A204A1AR03 BOURNS-PVF2A204A1AR03 Datasheet
335Kb / 2P
   SMD Sealed Type Single-Turn PVF2 Series
logo
Ningbo Foryard Optoelec...
FYL-4012UGC1B FORYARD-FYL-4012UGC1B Datasheet
278Kb / 5P
   4mm round type
logo
ERNI Electronics
100301590001 ERNI-100301590001 Datasheet
83Kb / 1P
   Federleiste SMD, Powerm. 4mm
214356 ERNI-214356 Datasheet
74Kb / 1P
   Federleiste SMD, Powerm. 4mm
100302650001 ERNI-100302650001 Datasheet
83Kb / 1P
   Federleiste SMD, Powerm. 4mm
logo
Ningbo Foryard Optoelec...
FYL-4012GD1B FORYARD-FYL-4012GD1B Datasheet
277Kb / 5P
   4mm round type led
FYL-4012YD1B FORYARD-FYL-4012YD1B Datasheet
276Kb / 5P
   4mm round type led
FYL-4012HD1B FORYARD-FYL-4012HD1B Datasheet
275Kb / 5P
   4mm round type led
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com