Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVM4YFV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PVM4YFV
Description  6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVM4YFV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PVM4YFV Datasheet HTML 1Page - List of Unclassifed Manufacturers PVM4YFV Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PVB, PVM PECL VCXO Series
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
20A
Pl tronics, Inc.
Mechanical:
not to scale
inches (mm)
Solder Pads
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
Mar 2004
1
Vcon
2
E/D
3
GND
4
Q OUT
5
QN OUT
6
Vcc
PIN
SIGNAL
1
Vcon
7
GND
8
OUT
14
Vcc
PIN
SIGNAL
See page 6 for Layout Guidelines
PVB Series
PVM Series
0.055
(1.4)
0.200 (5.08)
1
3
4
2
5
6
0 .145
(3.68)
0.560 (14.23) MAX
0.195 (4.95)
MAX
0.200 (5.08)
1
2
3
4
5
6
.807 (20.5) MAX
.200 (5.08) MAX
.600 (15.24)
1
7
14
8
.031 (0.8)
.250 (6.35) MAX
.020
(.51)
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.


Similar Part No. - PVM4YFV

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVM4 MURATA-PVM4 Datasheet
36Kb / 1P
   Trimmer Potentiometers
PVM4A101A01 MURATA-PVM4A101A01 Datasheet
111Kb / 6P
   SMD Sealed Type 4mm Size PVM4 Series
PVM4A101B01 MURATA-PVM4A101B01 Datasheet
111Kb / 6P
   SMD Sealed Type 4mm Size PVM4 Series
logo
Murata Manufacturing Co...
PVM4A101C01B00 MURATA1-PVM4A101C01B00 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
logo
Murata Manufacturing Co...
PVM4A101C01R00 MURATA-PVM4A101C01R00 Datasheet
200Kb / 3P
   Inductance
More results

Similar Description - PVM4YFV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV1145BV PLETRONICS-LV1145BV Datasheet
83Kb / 5P
   6 Pad Leadless Surface Mount Oscillator
logo
Advanced Crystal Techno...
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
   4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
   4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
logo
Connor-Winfield Corpora...
EML3313 CONNOR-WINFIELD-EML3313 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
logo
Oscilent Corporation
494-28.0M-5DN-T OSCILENT-494-28.0M-5DN-T Datasheet
134Kb / 2P
   6 Pad PCB J-Lead PECL Output
489-28.0M-5DN-TTS OSCILENT-489-28.0M-5DN-TTS Datasheet
145Kb / 2P
   6 Pad J-Lead Ceramic PECL Output
logo
List of Unclassifed Man...
PE2245B ETC1-PE2245B Datasheet
41Kb / 1P
   10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
   6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
   6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com