Electronic Components Datasheet Search |
|
HD151TS302RP Datasheet(PDF) 1 Page - Hitachi Semiconductor |
|
HD151TS302RP Datasheet(HTML) 1 Page - Hitachi Semiconductor |
1 / 9 page HD151TS302RP Spread Spectrum Clock for EMI Solution ADE-205-655A (Z) Preliminary Rev. 1 Sep. 2001 Description The HD151TS302 is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution. Features • Supports 10 MHz to 60 MHz operation. (Designed for XIN = 24 MHz and 48 MHz) • 1 copy of clock out with spread spectrum modulation @3.3 V • 1 copy of reference clock @3.3 V • Programmable spread spectrum modulation (–0.5%, –1.0%, –3.0% down spread modulation and spread spectrum disable mode.) • SOP–8pin • Pin to pin compatible with HD151TS301RP Key Specifications • Supply voltages : VDD = 3.3 V±0.165 V • Ta = 0 to 70°C operating range • Clock output duty cycle = 50±5% • Cycle to cycle jitter = ±250 ps typ. |
Similar Part No. - HD151TS302RP |
|
Similar Description - HD151TS302RP |