Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.1S7B_0512D3UP Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 0.1S7B_0512D3UP
Description  0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1S7B_0512D3UP Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  0.1S7B_0512D3UP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1S7B_0512D3UP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1S7B_0512D3UP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
0.1S7B_3UP – Rev. 2017-1.0
Specifications subject to change without notice.
0.1S7B_3UP Series
0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated
MINIATURE SIP PACKAGE
Efficiency up to 83%
Small footprint from 1.17cm2
SIP package
Single/dual output voltage
3KVDC isolation
Temperature range:
-40°C~+105°C
Industry standard pinout
UL94-V0 package
No heat sink required
Power density 0.85W/cm3
RoHS compliance
DC-DC Converter
0.1 Watt
The 0.1S7B_3UP Series are specially designed for applications where a sin-
gle power supply is isolated from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is fixed
(voltage variation ≤ ±10%);
2) Where isolation is necessary between input and output
(isolation voltage =3000VDC)
3) Where the regulation of the output voltage and the output ripple and
noise are not demanding, such as: purely digital circuits, ordinary low
frequency analog circuits and IGBT power device driven circuits, etc.
Example:
0.1S7B_2405S3UP
0.1= 0.1Watt; S7= SIP7; B= Pinning; 24Vin; 5Vout; S= Single Output;
3=3kVDC; U= Unregulated Output; P= Short Circuit Protection
Common specifications
Short circuit protection:
Continuous, automatic recovery
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+105°C
Derating if the temperature ≥85°C
Storage temperature range:
-55°C ~+130°C
Storage humidity range:
95% MAX
Lead temperature:
300°C, 1.5mm from case for 10 seconds
Case material:
Plastic [UL94-V0]
MTBF (MIL-HDBK-217F@25°C):
>3,500,000 hours
Weight:
2.11g
Note:
1. All specifications measured at TA=25°C, humidity < 75%, nominal input voltage
and rated output load unless otherwise specified.
2. See below recommended circuits for more details.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Input to Output (1sec)
3000
VDC
Isolation resistance
Test at 1000VDC
1
Input specifications
Item
Test condition
Min
Typ
Max
Units
Voltage range
• 3.3V input types
• 5V input types
• 12V input types
• 15V input types
2.9
4.4
11
13.4
3.3
5
12
15
3.6
5.6
13.3
16.4
V
V
V
V
Output specifications
Item
Test condition
Min
Typ
Max
Units
Rated power
0.1
W
Line regulation
High Vin to low Vin
1.32
%
Load regulation
10% to 100% full load
• 3.3V/5V types
• Other
8
6
%
%
Output voltage
accuracy
See tolerance envelope
Temperature drift
100% full load
±0.03 %/°C
Ripple & Noise
20MHz Bandwidth
75
mVp-p
Switching frequency Full load, nominal input
• 3.3V input types
• 5V input types
• 12V input types
• 15V input types
95
120
145
90
140
180
180
KHz
KHz
KHz
KHz


Similar Part No. - 0.1S7B_0512D3UP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0303S1.5U GAPTEC-0.1S4A_0303S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0305S1.5U GAPTEC-0.1S4A_0305S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0503S1.5U GAPTEC-0.1S4A_0503S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0505S1.5U GAPTEC-0.1S4A_0505S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results

Similar Description - 0.1S7B_0512D3UP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
logo
Microdc power Technolog...
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com