Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.5T8E_0312S1U Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part No. 0.5T8E_0312S1U
Description  0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.5T8E_0312S1U Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  0.5T8E_0312S1U Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.5T8E_0312S1U Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.5T8E_0312S1U Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
0.5T8E_1U – Rev. 2017-1.1
Recommended test circuit
Mechanical dimensions
PIN
Single
1
-Vin
3
+Vin
7
-Vout
8
+Vout
14
NC
Note:
Unit: mm[inch]
General tolerances: ±0.25mm[ ±0.010inch]
3.3V: Cin 4.7uF, 25V
5V: Cin 4.7uF, 25V
9V: Cin 4.7uF, 25V
12V: Cin 2.2uF, 25V
15V: Cin 1uF, 50V
3.3V: Cout 22uF, 16V
5V: Cout 10uF, 25V
9V: Cout 4.7uF, 25V
12V: Cout 2.2uF, 25V
15V: Cout 1uF, 50V
0.5T8E_1U Series
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn