Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.5D8E Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 0.5D8E
Description  0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.5D8E Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  0.5D8E Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.5D8E Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.5D8E Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 0.5D8E Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
0.5D8E_3U – Rev. 2018-1.0
Specifications subject to change without notice.
0.5D8E_3U Series
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
8 Pin DIL
3KVDC Isolation
Operation temperature range:
-40°C ~ +85°C
Low ripple and noise
Efficiency up to 83%
EMI complies with EN55032
Class B
Industry Standard Pinout
DC-DC Converter
0.5 Watt
The 0.5D8E_3U series is a family of cost effective 0.5W single output
DC-DC converters. These converters achieve low-cost and ultra-minia-
ture DIP8 pin size. Devices are encapsulated using flame retardant resin.
They are specially designed for applications where an isolated voltage is
required in a distributed power supply system. Such as: digit circuit con-
dition; normal low-frequency artificial circuit condition; relay drive cir-
cuit and data switching circuit condition, etc.
EMC specifications
CE*
EN55032
CLASS B
RE
EN55032
CLASS B
ESD
IEC/EN61000-4-2
perf. Criteria A
RS
IEC/EN61000-4-3
perf. Criteria A
EFT**
IEC/EN61000-4-4
perf. Criteria A
Surge**
IEC/EN61000-4-5
perf. Criteria A
CS
IEC/EN61000-4-6
perf. Criteria A
PFMF
IEC/EN61000-4-8
perf. Criteria A
* Input filter components are required to help meet conducted emission class B,
which application refer to the EMI filter section.
** An external filter is required if the module hast to meet IEC61000-4-4 and
IEC61000-4-5.
Note:
1. Operation under minimum load will not damage the converter; However, they
may not meet all specification listed, and that will reduce the life of product.
2. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage
and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our
technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate
standards.
Example SIP4 Case:
0.5D8E_0505S3U
0.5= 0.5 Watt; D8= DIP8; E= Pinning; 05= 5 Vin; 05= 5Vout;
S= Single Output; 3= 3kVDC Isolation; U= Unregulated Output
Output specifications
Item
Test condition
Min Typ
Max Units
Output voltage
accuracy
±3
%
Line regulation
For Vin change of ±1%
±1.2
%
Load regulation
20% to 100% load
• 3.3V output
• others
20
10
%
%
Ripple & Noise*
20MHz Bandwidth
100
mVpk-pk
Temperature drift
100% full load
±0.02
%/°C
Switching frequency variable
80
KHz
* Ripple and noise are measured by “parallel cable” method, please see DC-DC
Converter Application Notes for specific operation.
Input specifications
Item
Test condition
Min
Typ
Max
Units
Voltage range
10
%
Reflected ripple
current*
20
mApk-pk
Surge voltage
• 3.3VDC input
• 5VDC input
• 12VDC input
• 15VDC input
• 24VDC input
6
7
15
18
28
VDC
VDC
VDC
VDC
VDC
Input filter
Filter capacitor
* Measured with a simulated source inductance of 12µH and a source capacitor
Cin (47µF, ESR<1.0Ω at 100KHz).
Common specifications
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C
Storage temperature range:
-40°C ~+125°C
Casing temperature:
100°C MAX
Soldering temperature:
260°C MAX, 1.5mm from case for 10 sec.
Storage humidity range:
< 95%
Case material:
Plastic [UL94-V0]
Pin material:
>1,121,000 hours
Safety standard:
IEC 60950-1
MTBF (MIL-HDFK-217F@25°C):
ø0.5mm Brass solder-coated
Weight:
1.8g
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute
and 1mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
Isolation capaci-
tance
Input-output,
100KHz/0.1V
60
pF


Similar Part No. - 0.5D8E

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.5D8E GAPTEC-0.5D8E Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D8E_0303S1U GAPTEC-0.5D8E_0303S1U Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D8E_0305S1U GAPTEC-0.5D8E_0305S1U Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D8E_0307S1U GAPTEC-0.5D8E_0307S1U Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D8E_0309S1U GAPTEC-0.5D8E_0309S1U Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Similar Description - 0.5D8E

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5S7B GAPTEC-0.5S7B Datasheet
831Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5S4E GAPTEC-0.5S4E Datasheet
778Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D8E GAPTEC-0.5D8E Datasheet
764Kb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D14B GAPTEC-0.5D14B Datasheet
840Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8A GAPTEC-0.5T8A Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com