Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2115A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115A
Description  AUTOSWITCHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2115A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2115A Datasheet HTML 4Page - Texas Instruments TPS2115A Datasheet HTML 5Page - Texas Instruments TPS2115A Datasheet HTML 6Page - Texas Instruments TPS2115A Datasheet HTML 7Page - Texas Instruments TPS2115A Datasheet HTML 8Page - Texas Instruments TPS2115A Datasheet HTML 9Page - Texas Instruments TPS2115A Datasheet HTML 10Page - Texas Instruments TPS2115A Datasheet HTML 11Page - Texas Instruments TPS2115A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS2114A
TPS2115A
SBVS044A − MARCH 2004 − REVISED MAY 2004
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
0 V
10%
90%
Switch Enabled
Switch Off
Switch Off
90%
10%
3.3 V
5 V
Switch #1 Enabled
Switch #2 Enabled
4.8 V
3.4 V
DO−D1
1.5 V
1.85 V
4.65 V
Switch #2 Enabled
Switch #1 Enabled
Switch #1 Enabled
5 V
tr
tf
tPLH1
tPHL1
VO(OUT)
tt
VO(OUT)
VO(OUT)
DO−D1
tPLH2
tPHL2
(a)
(b)
(c)
DO−D1
Figure 1. Propagation Delays and Transition Timing Waveforms


Similar Part No. - TPS2115A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115A-Q1 TI1-TPS2115A-Q1 Datasheet
402Kb / 20P
[Old version datasheet]   AUTO-SWITCHING POWER MULTIPLEXER
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBRG4 TI1-TPS2115ADRBRG4 Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBT TI1-TPS2115ADRBT Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2115A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com