Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV932IDR Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV932IDR
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV932IDR Datasheet HTML 3Page - Texas Instruments LMV932IDR Datasheet HTML 4Page - Texas Instruments LMV932IDR Datasheet HTML 5Page - Texas Instruments LMV932IDR Datasheet HTML 6Page - Texas Instruments LMV932IDR Datasheet HTML 7Page - Texas Instruments LMV932IDR Datasheet HTML 8Page - Texas Instruments LMV932IDR Datasheet HTML 9Page - Texas Instruments LMV932IDR Datasheet HTML 10Page - Texas Instruments LMV932IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 2.7 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, and
RL > 1 MΩ (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
High
25
°C
2.55
2.62
RL = 600 Ω to 1.35 V,
High
level
Full range
2.53
RL = 600 Ω to 1.35 V,
VID = ±100 mV
Low level
25
°C
0.083
0.11
VO
Output swing
VID = 100 mV
Low level
Full range
0.13
V
VO
Output swing
High
25
°C
2.65
2.675
V
RL = 2 kΩ to 1.35 V,
High
level
Full range
2.64
RL = 2 kΩ to 1.35 V,
VID = ±100 mV
Low level
25
°C
0.025
0.04
VID = 100 mV
Low level
Full range
0.045
VO = 0 V,
Sourcing
25
°C
20
30
IOS
Output short-circuit
VO = 0 V,
VID = 100 mV
Sourcing
Full range
15
mA
IOS
Output short-circuit
current
VO = 2.7 V,
Sinking
25
°C
18
25
mA
current
VO = 2.7 V,
VID = −100 mV
Sinking
Full range
12
GBW
Gain bandwidth product
25
°C
1.4
MHz
SR
Slew rate
See Note 6
25
°C
0.4
V/
mS
Fm
Phase margin
25
°C
70
°
Gain margin
25
°C
7.5
dB
Vn
Equivalent input noise
voltage
f = 1 kHz, VIC = 0.5 V
25
°C
57
nV/
√Hz
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.082
pA/
√Hz
THD
Total harmonic
distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VID = 1 Vp-p
25
°C
0.022
%
Amp-to-amp isolation
See Note 7
25
°C
123
dB
NOTES:
6. Number specified is the slower of the positive and negative slew rates.
7. Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amp is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.


Similar Part No. - LMV932IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932IDR TI-LMV932IDR Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV932IDRE4 TI-LMV932IDRE4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV932IDRG4 TI-LMV932IDRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV932IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com