Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV932IDGKT Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV932IDGKT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDGKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV932IDGKT Datasheet HTML 5Page - Texas Instruments LMV932IDGKT Datasheet HTML 6Page - Texas Instruments LMV932IDGKT Datasheet HTML 7Page - Texas Instruments LMV932IDGKT Datasheet HTML 8Page - Texas Instruments LMV932IDGKT Datasheet HTML 9Page - Texas Instruments LMV932IDGKT Datasheet HTML 10Page - Texas Instruments LMV932IDGKT Datasheet HTML 11Page - Texas Instruments LMV932IDGKT Datasheet HTML 12Page - Texas Instruments LMV932IDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA= 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, and
RL > 1 MΩ (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
High
25
°C
4.855
4.89
RL = 600 Ω to 2.5 V,
High
level
Full range
4.835
RL = 600 Ω to 2.5 V,
VID = ±100 mV
Low level
25
°C
0.12
0.16
VO
Output swing
VID = 100 mV
Low level
Full range
0.18
V
VO
Output swing
High
25
°C
4.945
4.967
V
RL = 2 kΩ to 2.5 V,
High
level
Full range
4.935
RL = 2 kΩ to 2.5 V,
VID = ±100 mV
Low level
25
°C
0.037
0.065
VID = 100 mV
Low level
Full range
0.075
VO = 0 V, VID = 100 mV
Sourcing
25
°C
80
100
IOS
Output short-circuit
VO = 0 V, VID = 100 mV
Sourcing
Full range
68
mA
IOS
Output short-circuit
current
VO = 5 V,
Sinking
25
°C
58
65
mA
current
VO = 5 V,
VID = −100 mV
Sinking
Full range
45
GBW
Gain bandwidth product
25
°C
1.5
MHz
SR
Slew rate
See Note 6
25
°C
0.42
V/
mS
Fm
Phase margin
25
°C
71
°
Gain margin
25
°C
8
dB
Vn
Equivalent input noise
voltage
f = 1 kHz, VIC = 1 V
25
°C
50
nV/
√Hz
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.07
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VID = 1 Vp-p
25
°C
0.022
%
Amp-to-amp isolation
See Note 7
25
°C
123
dB
NOTES:
6. Number specified is the slower of the positive and negative slew rates.
7. Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amp is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.


Similar Part No. - LMV932IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932IDGKR TI-LMV932IDGKR Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV932IDGKRG4 TI-LMV932IDGKRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV932IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com