CY7C1046BV33
PRELIMINARY
Document #: 38-05170 Rev. **
Page 3 of 8
AC Test Loads and Waveforms
Switching Characteristics[4] Over the Operating Range
7C1046BV33-10
7C1046BV33-12
7C1046BV33-15
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
12
15
ns
tAA
Address to Data Valid
10
12
15
ns
tOHA
Data Hold from Address Change
3
33
ns
tACE
CE LOW to Data Valid
10
12
15
ns
tDOE
OE LOW to Data Valid
46
7
ns
tLZOE
OE LOW to Low Z[6]
0
00
ns
tHZOE
OE HIGH to High Z[5, 6]
56
7
ns
tLZCE
CE LOW to Low Z[6]
3
33
ns
tHZCE
CE HIGH to High Z[5, 6]
56
7
ns
tPU
CE LOW to Power-Up
0
00
ns
tPD
CE HIGH to Power-Down
10
12
15
ns
WRITE CYCLE[7, 8]
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE LOW to Write End
7
10
12
ns
tAW
Address Set-Up to Write End
7
10
12
ns
tHA
Address Hold from Write End
0
00
ns
tSA
Address Set-Up to Write Start
0
00
ns
tPWE
WE Pulse Width
7
10
12
ns
tSD
Data Set-Up to Write End
5
78
ns
tHD
Data Hold from Write End
0
00
ns
tLZWE
WE HIGH to Low Z[6]
3
33
ns
tHZWE
WE LOW to High Z[5, 6]
56
7
ns
Shaded areas contain advance information.
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either of
these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
8.
The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
1046BV33–3
1046BV33–4
90%
10%
3.3V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
3.3V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 317
Ω
R1 317
Ω
R2
351
Ω
R2
351
Ω
167
Ω
Equivalent to:
VENIN EQUIVALENT
1.73V
THÉ
Rise Time: 1 V/ns
Fall Time: 1 V/ns