Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7886SDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7886SDBVT
Description  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7886SDBVT Datasheet(HTML) 1 Page - Texas Instruments

  ADS7886SDBVT Datasheet HTML 1Page - Texas Instruments ADS7886SDBVT Datasheet HTML 2Page - Texas Instruments ADS7886SDBVT Datasheet HTML 3Page - Texas Instruments ADS7886SDBVT Datasheet HTML 4Page - Texas Instruments ADS7886SDBVT Datasheet HTML 5Page - Texas Instruments ADS7886SDBVT Datasheet HTML 6Page - Texas Instruments ADS7886SDBVT Datasheet HTML 7Page - Texas Instruments ADS7886SDBVT Datasheet HTML 8Page - Texas Instruments ADS7886SDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
ADS7886
SLAS492 – SEPTEMBER 2005
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE
SAR ANALOG-TO-DIGITAL CONVERTERS
Base Band Converters in Radio
1-MHz Sample Rate Serial Device
Communication
12-Bit Resolution
Motor Current/Bus Voltage Sensors in Digital
Zero Latency
Drives
20-MHz Serial Interface
Optical Networking (DWDM, MEMS Based
Supply Range: 2.35 V to 5.25 V
Switching)
Typical Power Dissipation at 1 MSPS:
Optical Sensors
Battery Powered Systems
– 3.9 mW at 3-V VDD
Medical Instrumentations
– 7.5 mW at 5-V VDD
High-Speed Data Acquisition Systems
INL
±1.25 LSB Maximum, ±0.65 LSB (Typical)
High-Speed Closed-Loop Systems
DNL
±1 LSB Maximum, +0.4 / -0.65 LSB
(Typical)
Typical AC Performance:
72.25 dB SINAD, -84 dB THD
Unipolar Input Range: 0 V to VDD
Power Down Current: 1 µA
Wide Input Bandwidth: 15 MHz at 3 dB
6-Pin SOT23 and SC70 Packages
The ADS7886 is a 12-bit, 1-MSPS analog-to-digital converter (ADC). The device includes a capacitor based SAR
A/D converter with inherent sample and hold. The serial interface in each device is controlled by the CS and
SCLK signals for glueless connections with microprocessors and DSPs. The input signal is sampled with the
falling edge of CS, and SCLK is used for conversion and serial data output.
The device operates from a wide supply range from 2.35 V to 5.25 V. The low power consumption of the device
makes it suitable for battery-powered applications. The device also includes a powerdown feature for power
saving at lower conversion speeds.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.25 V when device supply is 2.35 V. This feature is useful when digital signals are coming from other
circuit with different supply levels. Also this relaxes restriction on power up sequencing.
The ADS7886 is available in 6-pin SOT23 and SC70 packages and is specified for operation from -40°C to
125°C.
Micro-Power Miniature SAR Converter Family
BIT
< 300 KSPS
300 KSPS – 1.25 MSPS
12-Bit
ADS7866 (1.2 VDD to 3.6 VDD)
ADS7886 (2.35 VDD to 5.25 VDD)
10-Bit
ADS7867 (1.2 VDD to 3.6 VDD)
ADS7887 (2.35 VDD to 5.25 VDD)
8-Bit
ADS7868 (1.2 VDD to 3.6 VDD)
ADS7888 (2.35 VDD to 5.25 VDD)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7886SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886SDBVT TI1-ADS7886SDBVT Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7886SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com