Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW41415 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW41415
Description  Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41415 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW41415 Datasheet HTML 6Page - STMicroelectronics STW41415 Datasheet HTML 7Page - STMicroelectronics STW41415 Datasheet HTML 8Page - STMicroelectronics STW41415 Datasheet HTML 9Page - STMicroelectronics STW41415 Datasheet HTML 10Page - STMicroelectronics STW41415 Datasheet HTML 11Page - STMicroelectronics STW41415 Datasheet HTML 12Page - STMicroelectronics STW41415 Datasheet HTML 13Page - STMicroelectronics STW41415 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2 Electrical Characteristics
STw4141
10/27
2.5
Soft start
To avoid spikes on battery during STw4141 start-up sequence, a smooth start-up is
implemented. Reference voltage grows up less than 600 µs until it achieves is final target.
Therefore, STw4141 start up is smooth and secure for the overall mobile phone.
Figure 2.
Smooth start-up sequence VIN = 3.6V, VOUT1 = 1.8V@ 200mA,
VOUT2 =1.2V@400mA
2.6
Settling time of VOUT2
Figure 3.
Settling time of VOUT2, IOUT1 = 200mA, IOUT2 = 400mA


Similar Part No. - STW41415

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW41415 STMICROELECTRONICS-STW41415 Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41415 STMICROELECTRONICS-STW41415 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41415/T STMICROELECTRONICS-STW41415/T Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41415T STMICROELECTRONICS-STW41415T Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
More results

Similar Description - STW41415

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4141 STMICROELECTRONICS-STW4141_06 Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW4141_0606 STMICROELECTRONICS-STW4141_0606 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
MAX1775 MAXIM-MAX1775 Datasheet
290Kb / 15P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com