Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD1353CP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. CD1353CP
Description  2.4W AUDIO AMPLIFIER, SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD1353CP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD1353CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD1353CP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Silicore
CD1353CP
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
4/7
ELECTRI CAL CH ARACTERISTICS (Ta=25±3°C)
Characteristic
Symbol
Test Condition
Min Typ Max
Unit
If St age (Vcc=12V R B =100 Ω Rg= 5 0 Ω V14 ≥ 1.3 V fo =4 .5M H z f M =400Hz f=±25kHz)
Pin 5 Voltage
V5A
7.5
8.0
8.5
V
Pin 5 Voltage
V5B
Vcc=18V RB=330Ω
7.5
8.0
8.5
V
Pin 10 Current
I10A
No Input Signal
14
19
24
mA
Pin 10 Current
I10B
Vcc=18V RB=330ΩNo
Input Signal
16
28
35
mA
IF Limiting Voltage
Vi(lim) VOAF(Vi=10mVrms)-3dB
200 400 µVrms
Detector Output Voltage
VOD
Vi=10mVrms
300 360
mVrms
Detector Distortion
THD1
Vi=10mVrms
0.7
%
AM Rejection
AMR
AM MOD 30%
fM=400Hz Vi=10mVrms
-40 -50
dB
Maximum Attenuation
ATTMAX
V14=0V
-60 -80
dB
Sound Pow e r St age (vcc=12V R B =100 Ω R L =8 Ω f=40 0Hz Rg= 6 0 0 Ω )
Sound Stage Voltage Gain
Av
Vi=30mVrms
33
37
41
dB
Sound Output Power
PO1
THD=10%
0.9
1.2
W
Sound Output Power
PO2
Vcc=18V RB=330Ω
THD=10%
2.0
2.4
W
Sound Output Distortion
THD2
Po=0.5W
0.6
2.0
%
Sound Output Distortion
THD3
Vcc=18V RB=330Ω
Po=0.5W
0.5
2.0
%
If St age + Sound Pow e r St age
Over All Sound Output
Distortion
THD4
Po=0.5W Vi=10mVrms
1.5
4.0
%
Refere nce Data
Pin 10 Current
I10
THD.2A=10%
200
210
mA
Pin 10 Current
I10
THD.2B=10%
270
280
mA
Sound Output Power
Po1
THD=3%
1.1
W
Sound Output Power
Po2
Vcc=18V RB=330Ω
THD=3%
2.0
W
Sound Stage Band Width
BW
-3dB
50
50k
Hz
fo=4.5MHz
5.5MHz
6.0MHz
6.5MHz
Pin Inpedance
R
C
R
C
R
C
R
C
Unit
Pin 12 IF Input
2
9.5
2
9.4
1.9
9.4
1.9
9.4
kΩ/pF
Pin 1 Detector
Connect
2.4
6.3
2.4
6.2
2.4
6.1
2.4
6.1
kΩ/pF
Pin2 Detector Connect
11.5
9
9
8.5
8.5
8.3
7.8
8.1
kΩ/pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn