Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM50-0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM50-0002
Description  Low Noise Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002 Datasheet(HTML) 1 Page - Tyco Electronics

  AM50-0002 Datasheet HTML 1Page - Tyco Electronics AM50-0002 Datasheet HTML 2Page - Tyco Electronics AM50-0002 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
1
V8
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Features
• Low Noise Figure: 1.15 dB
• High Gain: 27 dB
• Low Power Consumption: 5V, 20 mA
• High Dynamic Range
• SOIC-8 Package
Description
M/A-COM’s AM50-0002 is a high performance GaAs
MMIC low noise amplifier in a SOIC 8-lead surface
mount plastic package. The AM50-0002 employs a
monolithic 3-stage self-bias design and a simple
external matching network to obtain minimum noise
figure.
The AM50-0002 is ideally suited for use where low
noise figure, high gain, high dynamic range and low
power
consumption
are
required.
Typical
applications include receiver front ends in the Global
Positioning System (GPS) market, as well as
standard gain blocks, buffer amps, driver amps, and
IF amps in both fixed and portable systems.
M/A-COM’S AM50-0002 is fabricated using a mature
0.5-micron gate length GaAs process. The process
features full passivation for increased performance
reliability.
Functional Diagram
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
Ordering Information
Part Number
Package
AM50-0002
Bulk Packaging
AM50-0002TR-3000
3000 piece reel
AM50-0002SMB
Sample Test Board
(Includes 5 Samples)
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings4,5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
17 dBm
Channel Temperature 6
+150 °C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. Typical thermal resistance (θjc) = +165 °C/W
Pin No.
Pin Name
Description
1
GND
Ground
2
RF IN
RF Input
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
RF OUT
RF Output, VDD
7
GND
Ground
8
GND
Ground
Pin Configuration 1,2,3
1. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded (see
Recommended PCB Configuration).
2. Pin 2 is the RF input and must be connected to the simple
matching network shown in the Application Schematic.
3. Pin 6 is the RF output. VDD is also applied on Pin 6.


Similar Part No. - AM50-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002 MACOM-AM50-0002 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MA-COM-AM50-0002 Datasheet
116Kb / 7P
   GaAs MMIC Low Noise Amplifier SOIC-8 Platform
More results

Similar Description - AM50-0002

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com