Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3065 Datasheet(PDF) 7 Page - International Rectifier

Part # IRU3065
Description  POSITIVE TO NEGATIVE DC TO DC CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3065 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU3065 Datasheet HTML 3Page - International Rectifier IRU3065 Datasheet HTML 4Page - International Rectifier IRU3065 Datasheet HTML 5Page - International Rectifier IRU3065 Datasheet HTML 6Page - International Rectifier IRU3065 Datasheet HTML 7Page - International Rectifier IRU3065 Datasheet HTML 8Page - International Rectifier IRU3065 Datasheet HTML 9Page - International Rectifier IRU3065 Datasheet HTML 10Page - International Rectifier IRU3065 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IRU3065(PbF)
7
www.irf.com
Frequency (KHz) versus load current
0
100
200
300
400
500
600
700
800
900
0
200
400
600
800
1000
Iout(mA)
Vout(V) vs Iout(mA)
0
1
2
3
4
5
6
0
200
400
600
800
1000
Iout(mA)
Fig.8. Frequency versus load current. (Vout= -5V,
Iocp=400mA).
Fig.7. Output voltage (absolute value) versus load
current. (Vout= -5V, Iocp=400mA)
Characteristics of IRU3065
Figure.5 Efficiency with 4.7uH inductor, 250kHz op-
eration
Figure 6. Efficiency with 1.2uH inductor, 800k
Hz operation
Efficiency versus load current
50
55
60
65
70
75
0
100
200
300
400
Iout(mA)
Efficiency(%) with diode
Efficiency(%) with 100ohm resistor
Efficiency versus load current
50
55
60
65
70
75
0
100
200
300
400
Iout(mA)
Efficiency(%) with diode
Efficiency(%) with 100 resistor


Similar Part No. - IRU3065

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3004CF IRF-IRU3004CF Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3004CW IRF-IRU3004CW Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3007CW IRF-IRU3007CW Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
More results

Similar Description - IRU3065

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LTC3704 LINER-LTC3704_15 Datasheet
331Kb / 28P
   Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
LTC3704 LINER-LTC3704 Datasheet
350Kb / 28P
   Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063_13 Datasheet
353Kb / 10P
   Dc to Dc Converter Controller
logo
First Components Intern...
MC34063 FCI-MC34063 Datasheet
276Kb / 5P
   DC to DC converted Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A_08 Datasheet
479Kb / 10P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com