Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFBM-CA220 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DFBM-CA220
Description  Bluetooth Module Class2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CA220 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DFBM-CA220 Datasheet HTML 1Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CA220 Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DFBM-CA2 20
Data Sheet
Feb 24, 2005
Proprietary Information and Specifications are Subject to Change
Application Circuit
R4
220K 1%
R5
150K 1%
R11
10k
C12
10u
S1
TALK SW
S3
VOL+ SW
S2
VOL-SW
1.8V
D1
B-LED
D2
R-LED
R7
47K
R8
47K
R6
2K2
R1
10K
C10
2U2
C8
47N
C7
47N
C9
15P
C4
100N
C1
10UF
C5
TBD
1
2
J5
SPEAK
1
2
J4
MIC
J2
3.7V BATTERY
J1
DC5V JACK
STATUS
3
EN
6
GND
5
VSEN
9
VIN
1
V2P8
7
FAULT
2
TIME
4
IREF
8
VBAT
10
U1
ISL6292
C3
1UF
R2
0R
Q2
BC847BW
Q3
BC847BW
R12
300R
R13
680R
C2
10NF
R3
5K
Q1
BC847BW
1.8V
VIN
1
GND
2
CE/
3
LX
5
VOUT
4
U2
XC9216
L3
10u
C13
10u
1.8V
L2
2.2nH
VDD_1.8V
10
VDD_3.15V
11
USB_DP
12
USB_DN
13
GND
14
UART_RTS
15
UART_TX
18
PIO_11
28
PIO_9
29
PIO_5
30
PIO_4
31
GND
32
UART_CTS
16
UART_RX
17
PIO_3
33
PIO_2
34
PIO_1
35
PIO_0
36
U3
DFBM-CA220/CA221
VIN
1
GND
2
CE/
3
VOUT
5
NC
4
U4
XC6209
3.7V BATTERY
C11
10N
E?
ANTENNA
C6
1pF
Q4
BC847BW
C14
2.2uF
R14
100K
3.7V Battery
R15
10K
R16
10K
D3
BAT54W
3.7V Battery


Similar Part No. - DFBM-CA220

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DFBM-CA120 DELTA-DFBM-CA120 Datasheet
80Kb / 7P
   Wireless communication module compliant with Bluetooth Specification V1.1.
More results

Similar Description - DFBM-CA220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com