Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8004883 Datasheet(PDF) 1 Page - Festo Corporation.

Part No. 8004883
Description  Air solenoid valve
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8004883 Datasheet(HTML) 1 Page - Festo Corporation.

  8004883 Datasheet HTML 1Page - Festo Corporation. 8004883 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-S18-P53E-ZT-G14-1T1L
Part number: 8004883
Data sheet
Feature
Value
Valve function
5/3, exhausted
Lap
Indefinite overlap
Actuation type
Electrical
Valve size
18 mm
Standard nominal flow rate
900 l/min
Pneumatic working port
G1/4
Operating voltage
24V DC
Operating pressure
-0.9 bar ... 10 bar
Design
Piston gate valve
Reset method
Mechanical spring
Degree of protection
IP65
IP67
Certification
c CSA us (OL)
c UL us - Recognized (OL)
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00991127
Signal status display
LED
Pilot pressure
3 bar ... 8 bar
Max. switching frequency
3 Hz
Switching time off
57 ms
On switching time
17 ms
Changeover time
31 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
1600 µs
Max. negative test pulse on 1 signal
3000 µs
Coil characteristics
22 V DC: 1.0 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
3/25/21 - Subject to change - Festo AG & Co. KG
1/2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn