Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRHMB150A6 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PRHMB150A6
Description  IGBT MODULE Chopper 150A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRHMB150A6 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PRHMB150A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRHMB150A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRHMB150A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRHMB150A6
1
10
100
0.05
0.1
0.2
0.5
1
2
5
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=150A
VG=±15V
TC=25℃
tf
tr
ton
toff
01
2
3
4
0
50
100
150
200
250
300
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
0
200
400
600
800
1000
1200
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=150A
TC=25℃
0
200
400
600
800
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area (Typical)
RG=5.1Ω
VGE=±15V
TC≦125℃
10 -5
10 -4
10 -3
10 -2
10 -1
110 1
1x10 -3
2x10 -3
5x10 -3
1x10 -2
2x10 -2
5x10 -2
1x10 -1
2x10 -1
5x10 -1
Time t (s)
Fig.11- Transient Thermal Impedance
TC=25℃
1 Shot Pulse
FRD
IGBT


Similar Part No. - PRHMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB150A6 NIEC-PRHMB150A6 Datasheet
126Kb / 3P
   150A 600V
PRHMB150A6A NIEC-PRHMB150A6A Datasheet
112Kb / 3P
   IGBT MODULE Chopper 150A 600V
PRHMB150A6A NIEC-PRHMB150A6A Datasheet
126Kb / 3P
   150A 600V
PRHMB150A6A NIEC-PRHMB150A6A_1 Datasheet
126Kb / 3P
   150A 600V
PRHMB150A6 NIEC-PRHMB150A6_1 Datasheet
126Kb / 3P
   150A 600V
More results

Similar Description - PRHMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB150A6A NIEC-PCHMB150A6A Datasheet
111Kb / 3P
   IGBT MODULE Chopper 150A 600V
PCHMB150A6 NIEC-PCHMB150A6 Datasheet
113Kb / 3P
   IGBT MODULE Chopper 150A 600V
PRHMB150A6A NIEC-PRHMB150A6A Datasheet
112Kb / 3P
   IGBT MODULE Chopper 150A 600V
logo
MacMic
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
   600V 150A IGBT Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
   600V 150A IGBT Module
logo
Nihon Inter Electronics...
PCHMB150B12 NIEC-PCHMB150B12 Datasheet
123Kb / 3P
   IGBT MODULE Chopper 150A 1200V
PRHMB150B12A NIEC-PRHMB150B12A Datasheet
122Kb / 3P
   IGBT MODULE Chopper 150A 1200V
logo
MacMic
MMG150HB060B6EN MACMIC-MMG150HB060B6EN Datasheet
445Kb / 6P
   600V 150A IGBT Module
MMG150S060DE6EN MACMIC-MMG150S060DE6EN Datasheet
434Kb / 5P
   600V 150A IGBT Module
logo
Nihon Inter Electronics...
PCHMB150B12A NIEC-PCHMB150B12A Datasheet
123Kb / 3P
   IGBT MODULE Chopper 150A 1200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com