Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHT40012 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PHT40012
Description  THYRISTOR MODULE 400A / 1200V to 1600V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT40012 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PHT40012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PHT4001x OUTLINE DRAWING (Dimensions in mm)


Similar Part No. - PHT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT40012 NIEC-PHT40012 Datasheet
236Kb / 4P
   400A Avg 1200~1600 Volts
PHT40012 NIEC-PHT40012_1 Datasheet
236Kb / 4P
   400A Avg 1200~1600 Volts
More results

Similar Description - PHT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT40012 NIEC-PDT40012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 400A/1200V/1600V
PHT25012 NIEC-PHT25012 Datasheet
242Kb / 5P
   THYRISTOR MODULE 250A / 1200V to 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
   THYRISTOR MODULE 60A / 1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
   THYRISTOR MODULE 60A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
   THYRISTOR MODULE 150A/1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 200A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
   THYRISTOR MODULE 30A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com