Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62352P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62352P
Description  8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62352P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62352P,FP,GP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
DESCRIPTION
The M62352 is an integrated circuit semiconductor of CMOS
structure with 12 channels of built-in D-A converters with
output buffer operational amplifiers.
The 3-wire serial interface method is used for the transfer
format mum wiring.
It is able to cascading serial use with Do terminal.
The output buffer operational amplifier operates in the whole
voltage range from power supply to ground for both
input/output.
FEATURES
•12bit serial data input(3-wire serial data transfer method)
•Highly stable output buffer operational amplifier allow operation
in the all voltage range from power supply to ground.
BLOCK DIAGRAM
APPLICATION
Adjustment/control of industrial or home-use electronic
equipment,such as VTR camera,VTR set,TV,and CRT
display.
1
PIN CONFIGURATION (TOP VIEW)
Outline 20P4B(P)
20P2N-A(FP)
20P2E-A(GP)
20
10
5
20
17
18
19
1
4
3
2
16
5
15
6
14
7
13
8
12
9
11
10
19
18
17
16
9
8
6
7
15
14
13
12
11
2
3
4
1
L
D-A
10
L
D-A
9
L
D-A
8
L
D-A
7
L
D-A
6
L
D-A
5
L
D-A
4
D-A
L
D-A
L
D-A
L
12-BIT SHIFT REGISTER
12
11
1
8-BIT
R-2R D-A
8-BIT
LATCH
ADDRESS
DECODER
8-BIT
R-2R D-A
8-BIT
LATCH
BUFFER
OP AMP
Vss
(VrefL)
Ao3
Ao4
Ao5
Ao6
Ao7
Ao8
Ao9
Ao10
VDD
(VrefU)
Ao2
Ao1
GND
DI
CLK
LD
Do
Ao12
Ao11
Vcc
Ch2
Ch3
.....
.....
(12)
(8)
(12)
(12)
D0
D7
1 2 3 4 5 6
D8
D11
9 10
Vss
(VrefL)
Ao3
Ao4
Ao5
Ao6
Ao7
Ao8
Ao9
Ao10
VDD
(VrefU)
GND
Ao2
Ao1
DI
CLK
LD
DO
Ao12
Ao11
Vcc
-
-
-
-
-
-
-
-
-
-
-
-


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62358P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62361FP8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62364FP8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62370GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62352AGP8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn