Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3827-4.1VUA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC3827-4.1VUA
Description  Lithium-Ion Battery Charger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3827-4.1VUA Datasheet(HTML) 3 Page - Microchip Technology

  TC3827-4.1VUA Datasheet HTML 1Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 2Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 3Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 4Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 5Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 6Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 7Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 8Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Lithium-Ion Battery Charger
TC3827
TC3827-2 12/12/00
© 2001 Microchip Technology Inc.
DS21558A
Pin No.
8-Pin MSOP
Symbol
Type
Description
1
SHDN
Signal Input
Shutdown Input
2
GND
Power
System Ground
3
MODE
Signal Output
Charge Mode Indicator
4IMON
Voltage Output
Buffered Copy of Current Sense Resistor Drop
5VOUT
Voltage Input
Charger DC Output Voltage Sense
6VDRV
Signal Output
Gate Drive to External MOSFET
7VSNS
Signal Input
Current Sense Voltage Input
8VIN
Power
Charger DC Input Voltage
PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
The TC3827 controller only requires a P-channel power
MOSFET and two small capacitors to perform as an inex-
pensive Li-Ion battery charger. The TC3827 controller drives
an external PMOS to provide a regulated output current to
charge the battery. Initially, current limited charging occurs
until a pre-specified battery voltage is measured at the VOUT
pin. It then switches to constant-voltage mode. During
constant-voltage mode the TC3827 works like a linear
regulator, holding the output voltage within the specified
accuracy. The charger output is sensed at the VOUT pin. The
charging current follows the foldback characteristic as shown
in Figure 2. The sense resistor sets the maximum charging
current, IMAX. The voltage drop across the current sense
resistor is sensed at the VSNS input. An amplified copy of this
sense voltage is provided as output on the current monitor
pin (IMON). When the battery is deeply discharged to a
minimum voltage level, or if the battery is shorted, the
current sense circuit folds back the charge current to limit the
power dissipation of the PMOS. Both the VIN and VOUT pins
I/O DESCRIPTION
SHDN: When SHDN is low, VDRV is pulled high to VIN and the charge is interrupted.
GND:
Connect to the battery’s negative terminal. See Layout Guidelines for information on system grounding.
VOUT:
Battery positive terminal and charger regulated output voltage.This pin is connected to the external PMOS drain
and directly to the load for optimal regulation. VOUT pin draws typically 1µA from the battery when VIN power
is removed. Requires a Bypass capacitor.
MODE: Charge Status Indicator. Mode is an open-drain, N-channel MOSFET capable of sinking
20mA for an LED status indication of charger in current limited mode. LED is off in current-voltage mode.
VDRV:
Gate drive output for the external PMOS pass device.
IMON :
Battery Charge current profile. This output is an amplified copy of the voltage drop across the current sense resistor.
It can be used as input to an A/D converter to provide the controller with information about the charge current
profile.
VIN:
Charger power supply input (+6V absolute max.). Bypass to GND with a capacitor.
VSNS:
Battery charge current sense voltage feedback. This voltage is developed across a small value precision resistor
that is in series with the battery.
of the IC need a suitable bypass capacitor. The TC3827 also
has a logic-level shutdown input, SHDN, which may be
connected to the input voltage to enable the IC. Pulling it
“low” or to ground will disable the PMOS drive (VDRV pulled
up to VIN voltage). Also, a charger mode pin (MODE) is
provided to drive an optional LED for a visual indication of
current limited mode operation. LED will be turned off in
constant voltage mode operation.


Similar Part No. - TC3827-4.1VUA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
TC38 AURIS-TC38 Datasheet
285Kb / 1P
   Quartz THT
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
   PWM controller IC
logo
Transcom, Inc.
TC3843 TRANSCOM-TC3843 Datasheet
231Kb / 3P
   870~925 MHz Single-Bias GaAs Low Noise Amplifier
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
   1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
logo
Infineon Technologies A...
TC387 INFINEON-TC387 Datasheet
16Mb / 416P
   32-Bit Single-Chip Microcontroller
V 1.2, 2021-03
More results

Similar Description - TC3827-4.1VUA

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com