Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761662DBT Datasheet(PDF) 3 Page - Texas Instruments

Part # SN761662DBT
Description  DTV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761662DBT Datasheet(HTML) 3 Page - Texas Instruments

  SN761662DBT Datasheet HTML 1Page - Texas Instruments SN761662DBT Datasheet HTML 2Page - Texas Instruments SN761662DBT Datasheet HTML 3Page - Texas Instruments SN761662DBT Datasheet HTML 4Page - Texas Instruments SN761662DBT Datasheet HTML 5Page - Texas Instruments SN761662DBT Datasheet HTML 6Page - Texas Instruments SN761662DBT Datasheet HTML 7Page - Texas Instruments SN761662DBT Datasheet HTML 8Page - Texas Instruments SN761662DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Pin Assignments
SN761662
DTV TUNER IC
SLES161 – NOVEMBER 2005
Pin Description
TERMINAL
DESCRIPTION
SCHEMATIC
NAME
NO.
AGC FIL1
26
Additional peak-hold capacitor pin
Figure 1
AGC FIL2
27
RF AGC LPF capacitor pin
Figure 1
AS
20
Address selection input
Figure 2
BS1
23
Band-switch1 output
Figure 3
BS2
24
Band-switch2 output
Figure 3
BS3
25
Band-switch3 output
Figure 3
BS4
34
Band-switch4 output
Figure 3
BUS GND
29
Serial bus/band-switch ground
CP
14
Charge pump output
Figure 4
IF GND
10
IF ground
IF OUT1
11
IF amplifier output
Figure 5
IF OUT2
12
IF amplifier output
Figure 5
MIX OUT1
31
Mixer output
Figure 6
MIX OUT2
32
Mixer output
Figure 6
N.C.
30
No connection
OSC GND
3
Oscillator ground
P5/ADC
16
Port 5 output/ADC input
Figure 7
RF AGC
28
RF AGC output
Figure 8
RF GND
33
RF ground
SCL
21
Serial clock input
Figure 9
SDA
22
Serial data input/output
Figure 10
UHF OSC B1
6
UHF oscillator base1
Figure 11
UHF OSC B2
9
UHF oscillator base2
Figure 11
UHF OSC C1
7
UHF oscillator collector1
Figure 11
UHF OSC C2
8
UHF oscillator collector2
Figure 11
UHF RFIN1
37
UHF RF input
Figure 12
UHF RFIN2
38
UHF RF input
Figure 12
VCC
13
Supply voltage for mixer/oscillator/PLL: 5 V
VHI OSC B
4
VHF HIGH oscillator base
Figure 13
VHI OSC C
5
VHF HIGH oscillator collector
Figure 13
VHI RFIN
36
VHF-H RF input
Figure 14
VLO OSC B
1
VHF LOW oscillator base
Figure 15
VLO OSC C
2
VHF LOW oscillator collector
Figure 15
VLO RFIN
35
VHF-L RF input
Figure 18
VTU
15
Tuning voltage amplifier output
Figure 4
XTAL1
17
4-MHz crystal oscillator output
Figure 16
XTAL2
18
4-MHz crystal oscillator input
Figure 16
XTALOUT
19
4-MHz oscillator output
Figure 17
3


Similar Part No. - SN761662DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761662DBT TI1-SN761662DBT Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBTR TI1-SN761662DBTR Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
More results

Similar Description - SN761662DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761664 TI-SN761664 Datasheet
454Kb / 22P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
logo
Zoran Corporation
CAS-220 ZORAN-CAS-220 Datasheet
95Kb / 2P
   DTV Demodulator IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com