Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2213LT1G Datasheet(PDF) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMUN2213LT1G
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMUN2213LT1G Datasheet(HTML) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMUN2213LT1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2234LT1G
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
VO
=5V
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
OUTPUT CURRENT : IO
(A)
Fig.3 DC current gain vs. output
current
Ta
=100°C
25
°C
−40°C
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current
Ta
=100°C
25
°C
−40°C
LMUN2211LT1G SERIES
Rev :
www.leiditech.com
01.06.2017
14/16


Similar Part No. - LMUN2213LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
LMUN2213LT1G LRC-LMUN2213LT1G_15 Datasheet
186Kb / 16P
   Bias Resistor Transistors
More results

Similar Description - LMUN2213LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com